Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX-702-ECT-KLM Datasheet (PDF) - Vectron International, Inc

FX-702-ECT-KLM Datasheet PDF - Vectron International, Inc
Part # FX-702-ECT-KLM
Download  FX-702-ECT-KLM Download
File Size   310.13 Kbytes
Page   7 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter VCSO Frequency Translator

FX-702-ECT-KLM Datasheet (PDF)

Go To PDF Page Download Datasheet
FX-702-ECT-KLM Datasheet PDF - Vectron International, Inc

Part # FX-702-ECT-KLM
Download  FX-702-ECT-KLM Click to download

File Size   310.13 Kbytes
Page   7 Pages
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc
Description Low Jitter VCSO Frequency Translator

FX-702-ECT-KLM Datasheet (HTML) - Vectron International, Inc


FX-702-ECT-KLM Product details

Description
The FX-702 is a low jitter precision frequency translator used to translate input frequencies such as 19.44, 38.88, 77.76 MHz, etc. to a binary multiple frequency as high as 850 MHz. The FX-702’s superior jitter performance is achieved through the PLL’s integrated VCSO. The FX-702 is housed in a hermetically sealed leadless surface mount package offered on tape and reel.

Features
• 5 x 7.5 x 2.5 mm Package
• Frequency Translation up to 850 MHz
• VCSO based PLL for Ultra-Low Jitter
• CMOS / LVDS / LVPECL Inputs compatible
• Differential LVPECL or LVDS Output
• CMOS Lock Detect
• External Divider for Input Frequencies < 19 MHz
• 0°/70°C or -40°/+85°C Temperature Range
• Fully Compatible for Lead Free Assembly

Applications
• SONET/SDH
• 10GbE./10.3GbE
• Frequency Translation
• Clock Smoothing, Clock Switching
• FEC Scaling
• Medical Instrumentation
• Test and Measurement
• Military




Similar Part No. - FX-702-ECT-KLM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
Complete VCSO Based Phase Lock Loop
More results


Similar Description - FX-702-ECT-KLM

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-700 VECTRON-FX-700 Datasheet
287Kb / 8P
Low Jitter Frequency Translator
FX-427 VECTRON-FX-427 Datasheet
144Kb / 8P
Low Jitter Frequency Translator
FX-500 VECTRON-FX-500_06 Datasheet
112Kb / 6P
Low Jitter Frequency Translator
FX-730 VECTRON-FX-730 Datasheet
284Kb / 8P
Low Jitter VCSO Frequency Translator
FX-402-ECE-KA VECTRON-FX-402-ECE-KA Datasheet
466Kb / 8P
Low Jitter Frequency Translator
FX-427 VECTRON-FX-427_08 Datasheet
502Kb / 8P
Low Jitter Frequency Translator
FX-702 VECTRON-FX-702_10 Datasheet
231Kb / 8P
Low Jitter VCSO Frequency Translator
FX-730 VECTRON-FX-730_09 Datasheet
231Kb / 8P
Low Jitter VCSO Frequency Translator
FX-703 VECTRON-FX-703 Datasheet
693Kb / 10P
Low Jitter VCSO Frequency Translator Jitter Attenuator
VS-800 VECTRON-VS-800 Datasheet
1Mb / 9P
Ultra-Low Jitter High Frequency VCSO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com