Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC635LC4 Datasheet (PDF) - Hittite Microwave Corporation

HMC635LC4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC635LC4
Download  HMC635LC4 Download
File Size   247.4 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz

HMC635LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC635LC4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC635LC4
Download  HMC635LC4 Click to download

File Size   247.4 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz

HMC635LC4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC635LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC635LC4 HITTITE-HMC635LC4 Datasheet
958Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
logo
Analog Devices
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635LC4 AD-HMC635LC4 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC635LC4 HITTITE-HMC635LC4_10 Datasheet
958Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
More results


Similar Description - HMC635LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC635 HITTITE-HMC635_09 Datasheet
291Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC635LC4 HITTITE-HMC635LC4_10 Datasheet
958Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634LC4 AD-HMC634LC4 Datasheet
423Kb / 8P
GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
GaAs PHEMT MMIC DRIVER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com