Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90-1107TR Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

AT90-1107TR Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # AT90-1107TR
Download  AT90-1107TR Download
File Size   188.29 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz

AT90-1107TR Datasheet (PDF)

Go To PDF Page Download Datasheet
AT90-1107TR Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # AT90-1107TR
Download  AT90-1107TR Click to download

File Size   188.29 Kbytes
Page   7 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz

AT90-1107TR Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


AT90-1107TR Product details

Description
M/A-COMs AT90-1107 is a GaAs FET 6-bit digital attenuator with integral TTL driver. Step size is 0.5 dB providing a 31.5 dB total attenuation range. This device is in an PQFN plastic surface mount package. The AT90-1107 is ideally suited for use where accuracy, fast speed, very low power consumption and low costs are required. For dual supply designs without switching noise, use AT90-0107. .

Features
• Attenuation: 0.5 dB Steps to 31.5 dB
• Single Positive Supply
• Contains internal DC to DC converter
• Low DC Power Consumption
• Small Footprint, JEDEC Package
• Integral TTL Driver
• 50 ohm Impedance
• CSP-1 Package




Similar Part No. - AT90-1107TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1107TR MACOM-AT90-1107TR Datasheet
336Kb / 7P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107TR MACOM-AT90-1107TR Datasheet
664Kb / 6P
Digital Attenuator, 31.5dB, 6-Bit, TTL Driver DC - 4.0 GHz
More results


Similar Description - AT90-1107TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com