Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC798LC4 Datasheet (PDF) - Hittite Microwave Corporation

HMC798LC4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC798LC4
Download  HMC798LC4 Download
File Size   260.09 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz

HMC798LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC798LC4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC798LC4
Download  HMC798LC4 Click to download

File Size   260.09 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz

HMC798LC4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC798LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC798LC4 HITTITE-HMC798LC4 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4 Datasheet
675Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4_1007 HITTITE-HMC798LC4_1007 Datasheet
675Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results


Similar Description - HMC798LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC338LC3B HITTITE-HMC338LC3B Datasheet
340Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC338LC3B HITTITE-HMC338LC3B_09 Datasheet
250Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC798LC4_1007 HITTITE-HMC798LC4_1007 Datasheet
675Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
logo
Analog Devices
HMC798ALC4 AD-HMC798ALC4 Datasheet
484Kb / 26P
24 GHz to 34 GHz, GaAs, MMIC, Subharmonic SMT Mixer
6/2018-Revision 0
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
HMC338LC3B AD-HMC338LC3B Datasheet
393Kb / 8P
GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com