Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C059 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C059 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C059
Download  HMC-C059 Download
File Size   228.51 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND LNA MODULE, 1 - 12 GHz

HMC-C059 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C059 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C059
Download  HMC-C059 Click to download

File Size   228.51 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description WIDEBAND LNA MODULE, 1 - 12 GHz

HMC-C059 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C059 Product details

General Description
The HMC-C059 is a GaAs MMIC PHEMT Low Noise Distributed Amplifi er in a miniature, hermetic module with replaceable SMA connectors which operates between 1 and 12 GHz. The amplifi er provides 16 dB of gain, 1.8 dB noise fi gure, and up to +17 dBm of output power at 1 dB gain compression. The wideband amplifi er I/Os are internally matched to 50 Ohms and are internally DC blocked. Integrated voltage regulators allow for fl exible biasing of both the negative and positive supply pins, while internal bias sequencing circuitry assures robust operation.

Features
   Noise Figure: 1.8 dB @ 8 GHz
   High Gain: 16 dB @ 8 GHz
   P1dB Output Power: +16 dBm @ 8 GHz
   Spurious-Free Operation
   Regulated Supply and Bias Sequencing
   Hermetically Sealed Module
   Field Replaceable SMA connectors
   -55 to +85˚C Operating Temperature

Typical Applications
The HMC-C059 Wideband LNA is ideal for:
• Telecom Infrastructure
• Microwave Radio & VSAT
• Military & Space
• Test Instrumentation
• Industrial Sensors




Similar Part No. - HMC-C059

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C050 HITTITE-HMC-C050 Datasheet
416Kb / 6P
ULTRA LOW PHASE NOISE DISTRIBUTED AMPLIFIER, 2 - 18 GHz
HMC-C051 HITTITE-HMC-C051 Datasheet
242Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER MODULE, 11 - 20 GHz
HMC-C052 HITTITE-HMC-C052 Datasheet
301Kb / 6P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA), 1 - 20 GHz
HMC-C053 HITTITE-HMC-C053 Datasheet
258Kb / 6P
VOLTAGE VARIABLE ATTENUATOR MODULE, DC - 20 GHz
logo
Analog Devices
HMC-C053 AD-HMC-C053 Datasheet
264Kb / 9P
Voltage Variable Attenuator Module, DC to 20 GHz
Rev. E
More results


Similar Description - HMC-C059

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C001 HITTITE-HMC-C001 Datasheet
421Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C002 HITTITE-HMC-C002 Datasheet
500Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C016 HITTITE-HMC-C016 Datasheet
528Kb / 6P
WIDEBAND LNA MODULE, 7 - 17 GHz
HMC-C017 HITTITE-HMC-C017 Datasheet
519Kb / 6P
WIDEBAND LNA MODULE, 17 - 27 GHz
HMC-C022 HITTITE-HMC-C022 Datasheet
437Kb / 6P
WIDEBAND LNA MODULE, 2 - 20 GHz
HMC-C001 HITTITE-HMC-C001_07 Datasheet
213Kb / 4P
WIDEBAND LNA MODULE, 2 - 20 GHz
logo
NXP Semiconductors
BGA3012 PHILIPS-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
logo
United Monolithic Semic...
CHA2110-QDG UMS-CHA2110-QDG Datasheet
484Kb / 10P
7-12 GHz LNA
logo
Mini-Circuits
SMRP-SM50 MINI-SMRP-SM50 Datasheet
280Kb / 2P
Wideband, DC-12 GHz
logo
NXP Semiconductors
BGA3012 NXP-BGA3012 Datasheet
151Kb / 15P
1 GHz 12 dB gain wideband amplifier MMIC
Rev. 3-26 September 2013
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com