Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-C064 Datasheet (PDF) - Hittite Microwave Corporation

HMC-C064 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-C064
Download  HMC-C064 Download
File Size   185.1 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 50 Gbps, XOR / XNOR Module

HMC-C064 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-C064 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-C064
Download  HMC-C064 Click to download

File Size   185.1 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 50 Gbps, XOR / XNOR Module

HMC-C064 Datasheet (HTML) - Hittite Microwave Corporation


HMC-C064 Product details

General Description
The HMC-C064 is a XOR/XNOR gate function designed to support data transmission rates of up to 50 Gbps. All input signals to the HMC-C064 are terminated with 50 Ohms to ground on-chip, and may be either AC or DC coupled. The differential outputs of the HMC-C064 may be either AC or DC coupled. Outputs can be connected directly to a 50 Ohm to ground terminated system, while DC blocking capacitors may be used if the terminating system is 50 Ohms to a non-ground DC voltage. The HMC-C064 operates from a single -3.3V DC supply, and is supplied in a hermetically sealed module with 1.85mm connectors.

Features
   Supports Data Rates up to 50 Gbps
   Inputs Terminated Internally in 50 ohms
   Supports Single-Ended or Differential Operation
   Low Power Consumption: 550mW
   Less than 200 fs Additive RMS Jitter
   Single -3.3 V Power Supply
   Hermetically Sealed Module: 1.85mm Connectors
   -40°C to +70°C Operating Temperature

Typical Applications
The HMC-C064 is ideal for:
• OC-768 and SDH STM-256 Equipment
• Serial Data Transmission up to 50 Gbps
• Digital Logic Systems up to 50 Gbps
• Broadband Test and Measurement




Similar Part No. - HMC-C064

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C060 HITTITE-HMC-C060 Datasheet
170Kb / 6P
43 Gbps, D-TYPE FLIP-FLOP MODULE
HMC-C061 HITTITE-HMC-C061 Datasheet
180Kb / 6P
50 Gbps, DOUBLE-EDGE TRIGGERED D-TYPE FLIP-FLOP MODULE
HMC-C062 HITTITE-HMC-C062 Datasheet
185Kb / 6P
50 Gbps, 1:2 FANOUT BUFFER MODULE
HMC-C065 HITTITE-HMC-C065 Datasheet
169Kb / 6P
50 Gbps, AND / NAND / OR / NOR MODULE
More results


Similar Description - HMC-C064

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E107 ONSEMI-MC10E107 Datasheet
102Kb / 4P
QUINT 2-INPUT XOR/XNOR GATE
1996 REV 2
MC10EL07 ONSEMI-MC10EL07 Datasheet
71Kb / 2P
2-Input XOR/XNOR
1996 REV 2
MC10EP08 ONSEMI-MC10EP08 Datasheet
75Kb / 8P
Differential 2-Input XOR/XNOR
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07 Datasheet
47Kb / 4P
2-INPUT XOR/XNOR
logo
List of Unclassifed Man...
AZ10EL07 ETC1-AZ10EL07 Datasheet
135Kb / 6P
ECL/PECL 2-Input XOR/XNOR
logo
Micrel Semiconductor
SY10EL07 MICREL-SY10EL07_06 Datasheet
49Kb / 4P
2-INPUT XOR/XNOR
logo
Hittite Microwave Corpo...
HMC671LC3C HITTITE-HMC671LC3C Datasheet
272Kb / 8P
13 Gbps, XOR / XNOR Gate HMC671LC3C
HMC725LC3C HITTITE-HMC725LC3C Datasheet
425Kb / 8P
14 Gbps, FAST RISE TIME XOR / XNOR GATE
HMC844LC4B HITTITE-HMC844LC4B Datasheet
819Kb / 8P
45 Gbps, XOR / XNOR w/ PROGRAMMABLE OUTPUT VOLTAGE
logo
Semtech Corporation
SK10EL07U SEMTECH-SK10EL07U Datasheet
110Kb / 4P
2-Input XOR/XNOR
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com