Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH1516-60 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

PH1516-60 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # PH1516-60
Download  PH1516-60 Download
File Size   190.61 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Bipolar Power Transistor 60W, 1450-1550 GHz

PH1516-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH1516-60 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # PH1516-60
Download  PH1516-60 Click to download

File Size   190.61 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Bipolar Power Transistor 60W, 1450-1550 GHz

PH1516-60 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


PH1516-60 Product details

Features
• Designed for linear amplifier applications
• Class AB: -30 dBc typ. 3rd IMlD at 60 W PEP
• Class A: + 53 dBm typ. 3rd order intercept point
• Common emitter configuration
• Internal input impedance marching
• Diffused emitter ballasting




Similar Part No. - PH1516-60

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1516-60 MACOM-PH1516-60 Datasheet
194Kb / 3P
Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
More results


Similar Description - PH1516-60

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1516-100 MACOM-PH1516-100 Datasheet
151Kb / 2P
Wireless Bipolar Power Transistor, 100W 1450 - 1550 MHz
PH1617-2 MACOM-PH1617-2 Datasheet
283Kb / 4P
Wireless Bipolar Power Transistor, 2W 1.6 - 1.7 GHz
PH1819-15N MACOM-PH1819-15N Datasheet
229Kb / 3P
Wireless Bipolar Power Transistor, 15W . 1.78 - 1.90 GHz
PH1819-2 MACOM-PH1819-2 Datasheet
268Kb / 4P
Wireless Bipolar Power Transistor, 2W 1.78 - 1.90 GHz
PH1819-4N MACOM-PH1819-4N Datasheet
224Kb / 3P
Wireless Bipolar Power Transistor, 4W 1.78 - 1.90 GHz
PHI516160 MACOM-PHI516160 Datasheet
193Kb / 3P
Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
PH1516-10 MACOM-PH1516-10 Datasheet
264Kb / 4P
Wireless Bipolar Power Transistor, 10W 1.45 - 1.60 GHz
PH1516-60 MACOM-PH1516-60 Datasheet
194Kb / 3P
Wireless Bipolar Power Transistor, 60W 1450 - 1550 MHz
logo
M/A-COM Technology Solu...
PH1819-10 MA-COM-PH1819-10 Datasheet
202Kb / 3P
Wireless Bipolar Power Transistor 10W, 1.78-1.90 GHz
logo
Tyco Electronics
PH1617-2 MACOM-PH1617-2 Datasheet
199Kb / 4P
Wireless Bipolar Power Transistor 2W, 16 -1.7 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com