Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH1617-60 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

PH1617-60 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # PH1617-60
Download  PH1617-60 Download
File Size   148.54 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Power Transistor

PH1617-60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH1617-60 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # PH1617-60
Download  PH1617-60 Click to download

File Size   148.54 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Wireless Power Transistor

PH1617-60 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


PH1617-60 Product details

Features
• NPN Silicon microwave power transistor
• Common emitter configuration
• Diffused emitter ballasting resistors
• Gold metallization system
• Internal input and output impedance matching
• RoHS Compliant
• -28dBc typical IMD at 60 W PEP




Similar Part No. - PH1617-60

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1617-60 MACOM-PH1617-60 Datasheet
96Kb / 2P
Wireless Power Transistor 60 Watts, 1615 - 1685 MHz
More results


Similar Description - PH1617-60

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1819-33 MACOM-PH1819-33 Datasheet
140Kb / 2P
WIRELESS POWER TRANSISTOR 33W
logo
M/A-COM Technology Solu...
PH1516-10 MA-COM-PH1516-10 Datasheet
195Kb / 4P
Wireless Bipolar Power Transistor
PH1617-30 MA-COM-PH1617-30 Datasheet
196Kb / 3P
Wireless Bipolar Power Transistor
PH1819-2 MA-COM-PH1819-2 Datasheet
196Kb / 4P
Wireless Bipolar Power Transistor
PH1819-4N MA-COM-PH1819-4N Datasheet
192Kb / 3P
Wireless Bipolar Power Transistor
PH0814-40_0211 MA-COM-PH0814-40_0211 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
PH1617-2 MA-COM-PH1617-2 Datasheet
199Kb / 4P
Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
PH0814-40 MA-COM-PH0814-40_15 Datasheet
126Kb / 1P
Wireless Bipolar Power Transistor
logo
American Microsemicondu...
PH1516-2 AMMSEMI-PH1516-2 Datasheet
903Kb / 4P
Wireless Bipolar Power Transistor, 2W
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com