Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4VAT2007-1061T Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MA4VAT2007-1061T Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MA4VAT2007-1061T
Download  MA4VAT2007-1061T Download
File Size   218.38 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High IIP3 PIN Diode Variable Attenuator 1.7 - 2.0 GHz

MA4VAT2007-1061T Datasheet (PDF)

Go To PDF Page Download Datasheet
MA4VAT2007-1061T Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MA4VAT2007-1061T
Download  MA4VAT2007-1061T Click to download

File Size   218.38 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High IIP3 PIN Diode Variable Attenuator 1.7 - 2.0 GHz

MA4VAT2007-1061T Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MA4VAT2007-1061T Product details

Description and Applications
M/A-COM’s MA4VAT2007-1061T is a HMIC PIN Diode Variable Attenuator which utilizes an integrated 90 degree 3dB hybrid with a pair of Silicon PIN Diodes to perform the required attenuation function as D.C. Voltage (Current) is applied.
This device operates from 0 to 2.77 Volts at 3.0mA typical control current for maximum attenuation. The user can add external biasing resistors to the bias ports for higher voltage requirements as required.
M/A-COM’s MA4VAT2007-1061T PIN Diode Variable Attenuator is designed for AGC Circuit Applications requiring:
• Lower Insertion Loss
• Lower distortion through attenuation
• Large dynamic range for wide spread spectrum
   applications

Features
• RoHs and ELV compliant
• Bandwidth: 1.70 GHz to 2.00 GHz
• 1.4 dB Insertion Loss, Typical
• 1.4:1 VSWR, Typical
• 23 dB Attenuation, Typical
• 50 dBm Input IP3, Typical
   (1 MHz Offset, @ + 0 dBm Pinc)
• 0 - 2.77 Volts Control Voltage @ 3 mA Typical

Extra Features
• Covers the following Bands:
   • DCS
   • PCS
   • UMTS/WCDMA/CDMA
   • TD-S_CDMA
   • SCDMA
• Usable Bandwidth: 1.50 GHz to 2.50 GHz
• 2.0 dB Insertion Loss, Typical
• 2:1 VSWR, Typical
• 18.5 dB Attenuation, Typical




Similar Part No. - MA4VAT2007-1061T

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4VAT2007-1061T MACOM-MA4VAT2007-1061T Datasheet
405Kb / 4P
High IIP3 PIN Diode Variable Attenuator 1.70-2.00 GHz
logo
M/A-COM Technology Solu...
MA4VAT2007-1061T MA-COM-MA4VAT2007-1061T Datasheet
218Kb / 4P
High IIP3 PIN Diode Variable Attenuator
MA4VAT2007-1061T MA-COM-MA4VAT2007-1061T_15 Datasheet
218Kb / 4P
High IIP3 PIN Diode Variable Attenuator
More results


Similar Description - MA4VAT2007-1061T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4VAT2004-1061T MA-COM-MA4VAT2004-1061T Datasheet
213Kb / 4P
High IIP3 PIN Diode Variable Attenuator 1.7 - 2.0 GHz
MA4VAT904-1061T MA-COM-MA4VAT904-1061T Datasheet
199Kb / 4P
High IIP3 PIN Diode Variable Attenuator
MA4VAT907-1061T MA-COM-MA4VAT907-1061T Datasheet
192Kb / 4P
High IIP3 PIN Diode Variable Attenuator
MA4VAT2004-1061T MA-COM-MA4VAT2004-1061T Datasheet
213Kb / 4P
High IIP3 PIN Diode Variable Attenuator
MA4VAT2007-1061T MA-COM-MA4VAT2007-1061T Datasheet
218Kb / 4P
High IIP3 PIN Diode Variable Attenuator
MA4VAT2007-1061T MA-COM-MA4VAT2007-1061T_15 Datasheet
218Kb / 4P
High IIP3 PIN Diode Variable Attenuator
logo
Skyworks Solutions Inc.
SKY12230-12LF SKYWORKS-SKY12230-12LF Datasheet
855Kb / 9P
High IIP3, 1.7 to 2.3 GHz Variable Attenuator
logo
M/A-COM Technology Solu...
MA4VAT904-1061T MA-COM-MA4VAT904-1061T_15 Datasheet
732Kb / 5P
High IIP3 PIN Diode Variable Attenuator
MA4VAT907-1061T MA-COM-MA4VAT907-1061T_15 Datasheet
666Kb / 4P
High IIP3 PIN Diode Variable Attenuator
MA4VAT2004-1061T MA-COM-MA4VAT2004-1061T_15 Datasheet
697Kb / 5P
High IIP3 PIN Diode Variable Attenuator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com