Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSK5DA56A1A Datasheet (PDF) - OptoSupply International

OSK5DA56A1A Datasheet PDF - OptoSupply International
Part # OSK5DA56A1A
Download  OSK5DA56A1A Download
File Size   101.65 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 4.8mm Straw Pink LED

OSK5DA56A1A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSK5DA56A1A Datasheet PDF - OptoSupply International

Part # OSK5DA56A1A
Download  OSK5DA56A1A Click to download

File Size   101.65 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 4.8mm Straw Pink LED

OSK5DA56A1A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSK5DA56A1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DA5111A OPTOSUPPLY-OSK5DA5111A Datasheet
99Kb / 1P
5mm Round Pink LED
OSK5DA5201A OPTOSUPPLY-OSK5DA5201A Datasheet
97Kb / 1P
5mm Bullet Pink LED
OSK5DA5471D OPTOSUPPLY-OSK5DA5471D Datasheet
97Kb / 1P
5.0x4.1mm Oval Pink LED
OSK5DA57E1A OPTOSUPPLY-OSK5DA57E1A Datasheet
85Kb / 1P
5mm Fllatt Pink LED
OSK5DA5J71D OPTOSUPPLY-OSK5DA5J71D Datasheet
100Kb / 1P
5.2x3.8mm Oval Pink LED
More results


Similar Description - OSK5DA56A1A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5D356E1R OPTOSUPPLY-OSK5D356E1R Datasheet
96Kb / 1P
Tpower 4.8mm Straw Pink LED
OSK5DL56A1A OPTOSUPPLY-OSK5DL56A1A Datasheet
101Kb / 1P
4.8mm Straw Pink LED
OSK5XL56E1R OPTOSUPPLY-OSK5XL56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Pink LED
OSO5SA56A1A OPTOSUPPLY-OSO5SA56A1A Datasheet
101Kb / 1P
4.8mm Straw Orange LED
OSV5HA56A1A OPTOSUPPLY-OSV5HA56A1A Datasheet
101Kb / 1P
4.8mm Straw Violet LED
OSK5DK56A1A OPTOSUPPLY-OSK5DK56A1A Datasheet
155Kb / 1P
4.8mm Straw Pink LED
OSK5DK87A1A OPTOSUPPLY-OSK5DK87A1A Datasheet
137Kb / 1P
8mm Straw Pink LED
OSV5YL56A1A OPTOSUPPLY-OSV5YL56A1A_12 Datasheet
111Kb / 1P
4.8mm Straw Violet LED
OSW44E56F1A OPTOSUPPLY-OSW44E56F1A_11 Datasheet
166Kb / 1P
4.8mm Straw PureWhite LED
OS6OGA56A1A OPTOSUPPLY-OS6OGA56A1A Datasheet
108Kb / 1P
4.8mm Straw Super Salmon Pink LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com