Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSR5XA8A61R Datasheet (PDF) - OptoSupply International

OSR5XA8A61R Datasheet PDF - OptoSupply International
Part # OSR5XA8A61R
Download  OSR5XA8A61R Download
File Size   99.27 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 8mm Red LED

OSR5XA8A61R Datasheet (PDF)

Go To PDF Page Download Datasheet
OSR5XA8A61R Datasheet PDF - OptoSupply International

Part # OSR5XA8A61R
Download  OSR5XA8A61R Click to download

File Size   99.27 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 8mm Red LED

OSR5XA8A61R Datasheet (HTML) - OptoSupply International




Similar Part No. - OSR5XA8A61R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5XA5141R OPTOSUPPLY-OSR5XA5141R Datasheet
97Kb / 1P
Tpower 5mm Red LED
OSR5XA56E1R OPTOSUPPLY-OSR5XA56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Red LED
OSR5XAA151R OPTOSUPPLY-OSR5XAA151R Datasheet
100Kb / 1P
Tpower 10mm Red LED
OSR5XAC1C1E OPTOSUPPLY-OSR5XAC1C1E Datasheet
118Kb / 1P
9.2x8x1.92mm Commercial 1 Power Red LED
OSR5XAC3C1E OPTOSUPPLY-OSR5XAC3C1E Datasheet
119Kb / 1P
9.2x8x1.92mmCommercial 3 Power Red LED
More results


Similar Description - OSR5XA8A61R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5S38A61R OPTOSUPPLY-OSB5S38A61R Datasheet
97Kb / 1P
Tpower 8mm Super Blue LED
OSB5XL8A61R OPTOSUPPLY-OSB5XL8A61R Datasheet
99Kb / 1P
Tpower 8mm Blue LED
OSG3D38A61R OPTOSUPPLY-OSG3D38A61R Datasheet
97Kb / 1P
Tpower 8mm Bluish Green LED
OSK5D38A61R OPTOSUPPLY-OSK5D38A61R Datasheet
97Kb / 1P
Tpower 8mm Pink LED
OSK5XL8A61R OPTOSUPPLY-OSK5XL8A61R Datasheet
99Kb / 1P
Tpower 8mm Pink LED
OSM5D38A61R OPTOSUPPLY-OSM5D38A61R Datasheet
97Kb / 1P
Tpower 8mm Warm White LED
OSM5XL8A61R OPTOSUPPLY-OSM5XL8A61R Datasheet
99Kb / 1P
Tpower 8mm Warm White LED
OSR5M38A61R OPTOSUPPLY-OSR5M38A61R Datasheet
99Kb / 1P
Tpower 8mm Phoenix Red LED
OSW5D38A61R OPTOSUPPLY-OSW5D38A61R Datasheet
97Kb / 1P
Tpower 8mm Pure White LED
OSY5XA8A61R OPTOSUPPLY-OSY5XA8A61R Datasheet
99Kb / 1P
Tpower 8mm Yellow LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com