Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-009412-CF1BC0 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MABA-009412-CF1BC0 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MABA-009412-CF1BC0
Download  MABA-009412-CF1BC0 Download
File Size   107.09 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 1:1 Flux Coupled BalBal Transformer with separated center taps 5 - 120 MHz

MABA-009412-CF1BC0 Datasheet (PDF)

Go To PDF Page Download Datasheet
MABA-009412-CF1BC0 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MABA-009412-CF1BC0
Download  MABA-009412-CF1BC0 Click to download

File Size   107.09 Kbytes
Page   3 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 1:1 Flux Coupled BalBal Transformer with separated center taps 5 - 120 MHz

MABA-009412-CF1BC0 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.




Similar Part No. - MABA-009412-CF1BC0

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-009412-CF1BC0 MA-COM-MABA-009412-CF1BC0 Datasheet
107Kb / 3P
1:1 Flux Coupled BalBal Transformer with separated center taps
More results


Similar Description - MABA-009412-CF1BC0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007532-CF18A0 MACOM-MABA-007532-CF18A0 Datasheet
77Kb / 3P
1:1 Flux Coupled Transformer 5-50 MHz
ETC1-1T-13 MACOM-ETC1-1T-13 Datasheet
78Kb / 3P
RF 1:1 Flux Coupled Transformer 5.0 - 120 MHz
MABACT0022 MACOM-MABACT0022 Datasheet
99Kb / 3P
1:1 RF Flux Coupled Transformer 5 - 50 MHz
logo
M/A-COM Technology Solu...
MABACT0022 MA-COM-MABACT0022 Datasheet
61Kb / 3P
1:1 RF Flux Coupled Transformer 5-50 MHz
MABA-007532-CF18A0 MA-COM-MABA-007532-CF18A0 Datasheet
96Kb / 3P
Transformer, 1:1 Flux Coupled Transformer 5 to 200 MHz
MABA-008124-CF1FA0 MA-COM-MABA-008124-CF1FA0 Datasheet
91Kb / 3P
1:1 Flux Coupled Transformer 5 - 100 MHz
MABA-008965-CF1160 MA-COM-MABA-008965-CF1160 Datasheet
97Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009005-CF1A40 MA-COM-MABA-009005-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009109-CF1A40 MA-COM-MABA-009109-CF1A40 Datasheet
94Kb / 3P
1:1 Flux Coupled Balun Transformer 5 - 120 MHz
MABA-009412-CF1BC0 MA-COM-MABA-009412-CF1BC0 Datasheet
107Kb / 3P
1:1 Flux Coupled BalBal Transformer with separated center taps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com