Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MADP-017015-1314 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MADP-017015-1314 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MADP-017015-1314
Download  MADP-017015-1314 Download
File Size   158.41 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SURMOUNT??15關M PIN Diodes RoHS Compliant

MADP-017015-1314 Datasheet (PDF)

Go To PDF Page Download Datasheet
MADP-017015-1314 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MADP-017015-1314
Download  MADP-017015-1314 Click to download

File Size   158.41 Kbytes
Page   4 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SURMOUNT??15關M PIN Diodes RoHS Compliant

MADP-017015-1314 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


MADP-017015-1314 Product details

Description
This device is a silicon, glass PIN diode surmount chip fabricated with a MACOM patented HMICTM process. This device features two silicon pedestals embedded in a low loss, low dispersion glass. The diode is formed on the top of one pedestal and connections to the backside of the device are facilitated by making the pedestal sidewalls electrically conductive. Selective backside metallization is applied producing a surface mount device. This vertical topology provides for exceptional heat transfer. The topside is fully encapsulated with silicon nitride and has an additional polymer layer for scratch and impact protection. These protective coatings prevent damage to the junction and the anode air-bridge during handling and assembly.

Features
• 0603 Outline
• Surface Mount
• 15 µm I-Region Length Devices
• No Wirebonds Required
• Silicon Nitride Passivation
• Polymer Scratch Protection
• Low Parasitic Capacitance and Inductance
• High Average and Peak Power Handling

Applications
   These packageless devices are suitable for usage in moderate incident power, ≤50 dBm/C.W. or where the peak power is ≤75 dBm, pulse width is ≤1 µs, and duty cycle is ≤0.01%. Their low parasitic inductance, 0.4 nH, and excellent RC constant, make these devices a superior choice for higher frequency switch elements when compared to their plastic package counterparts.




Similar Part No. - MADP-017015-1314

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-017015-1314 MA-COM-MADP-017015-1314 Datasheet
247Kb / 4P
SURMOUNT Diodes
MADP-017015-1314 MA-COM-MADP-017015-1314 Datasheet
247Kb / 4P
Low Parasitic Capacitance and Inductance
MADP-017015-1314 MA-COM-MADP-017015-1314 Datasheet
739Kb / 5P
15關m I-Region Length Devices
MADP-017015-1314 MA-COM-MADP-017015-1314 Datasheet
699Kb / 5P
Polymer Scratch Protection
MADP-017015-13140G MA-COM-MADP-017015-13140G Datasheet
699Kb / 5P
Polymer Scratch Protection
More results


Similar Description - MADP-017015-1314

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MADP-042005-S MACOM-MADP-042005-S Datasheet
76Kb / 4P
SURMOUNT TM 5 關m PIN Diodes
logo
M/A-COM Technology Solu...
MADP-017025-1314 MA-COM-MADP-017025-1314 Datasheet
171Kb / 4P
SURMOUNT??25關M PIN Diodes RoHS Compliant
MADP-000208-13180W MA-COM-MADP-000208-13180W Datasheet
113Kb / 4P
SURMOUNT TM 8關m PIN Diode Pair RoHS Compliant
MADP-0XX025-1314 MA-COM-MADP-0XX025-1314 Datasheet
171Kb / 4P
SURMOUNT??25關M PIN Diodes
MADP-017015 MA-COM-MADP-017015 Datasheet
247Kb / 4P
SURMOUNT??15關M PIN Diodes
MADP-030015 MA-COM-MADP-030015 Datasheet
253Kb / 4P
SURMOUNT??15關M PIN Diodes
MADP-017015 MA-COM-MADP-017015_15 Datasheet
247Kb / 4P
SURMOUNT 15關M PIN Diodes
MADP-030015 MA-COM-MADP-030015_15 Datasheet
253Kb / 4P
SURMOUNT 15關M PIN Diodes
MADP042005 MA-COM-MADP042005_15 Datasheet
136Kb / 4P
SURMOUNT PIN Diodes
MADP042008 MA-COM-MADP042008_15 Datasheet
688Kb / 4P
SURMOUNT 8關M PIN Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com