Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA88 Datasheet (PDF) - Cirrus Logic

PA88 Datasheet PDF - Cirrus Logic
Part # PA88
Download  PA88 Download
File Size   208.43 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA88 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA88 Datasheet PDF - Cirrus Logic

Part # PA88
Download  PA88 Click to download

File Size   208.43 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA88 Datasheet (HTML) - Cirrus Logic


PA88 Product details

DESCRIPTION

The PA88 is a high voltage, low quiescent current MOSFET operational amplifier designed for output currents up to

100mA. Output voltages can swing up to ±215V with a dual supply and up to +440 volts with a single supply.



FEATURES

• HIGH VOLTAGE — 450V (±225V)

• LOW QUIESCENT CURRENT — 2mA

• HIGH OUTPUT CURRENT —100mA

• PROGRAMMABLE CURRENT LIMIT

• LOW BIAS CURRENT — FET Input



APPLICATIONS

• PIEZOELECTRIC POSITIONING

• HIGH VOLTAGE INSTRUMENTATION

• ELECTROSTATIC TRANSDUCERS

• PROGRAMMABLE POWER SUPPLIES UP TO 440V




Similar Part No. - PA88

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA88 APEX-PA88 Datasheet
262Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
logo
Fuji Electric
PA886C02 FUJI-PA886C02 Datasheet
78Kb / 4P
SCHOTTKY BARRIER DIODE
PA886C02R FUJI-PA886C02R Datasheet
533Kb / 6P
Schottky Barrier Diode
logo
Cirrus Logic
PA88A APEX-PA88A Datasheet
262Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
More results


Similar Description - PA88

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com