Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F627 Datasheet (PDF) - fujitsu semiconductor

MB91F627 Datasheet PDF - fujitsu semiconductor
Part # MB91F627
Download  MB91F627 Download
File Size   565.86 Kbytes
Page   96 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Microcontrollers

MB91F627 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91F627 Datasheet PDF - fujitsu semiconductor

Part # MB91F627
Download  MB91F627 Click to download

File Size   565.86 Kbytes
Page   96 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Microcontrollers

MB91F627 Datasheet (HTML) - fujitsu semiconductor


MB91F627 Product details

■ DESCRIPTION

The MB91625 series is a line of FUJITSU MICROELECTRONICS microcontrollers based on a 32-bit RISC CPU core that feature a variety of peripheral functions for embedded applications that demand high-performance and high-speed CPU processing.

This series is based on the FR80* family CPU and is implemented as a single chip.

* : FR, the abbreviation of FUJITSU RISC controller, is a line of products of Fujitsu Microelectronics Limited.



■ FEATURES

• FR80 CPU

• 32-bit RISC, load/store architecture, five-stage pipeline

• General-purpose registers : 32-bit × 16

• 16-bit fixed-length instructions (basic instructions) : 1 instruction per cycle

• Instructions suitable for embedded applications

   - Memory-to-memory transfer, bit processing, barrel shift instructions, etc.

   - Instruction support for high level languages

      Function entry and exit instructions, instructions for register multi-load and multi-store

   - Bit search instruction

   “1” detection, “0” detection, transition point detection

   - Branch instructions with delay slots

      Reduced overhead when processing branches

   - Register interlock functions

      Facilitate coding in assembly language

   - Built-in multiplier/instruction-level support

      - Signed 32-bit multiplication : 5 cycles

      - Signed 16-bit multiplication : 3 cycles

   - Interrupts (save PC and PS) : 6 cycles, 16 priority levels

   - Harvard architecture allowing program access and data access to be executed simultaneously

   - Instruction prefetch function has been added with 4 word instruction queue of CPU

• Instruction compatible with FR family CPU

   - Additional bit search instructions

   - No resource instructions and coprocessor instructions

• Maximum operating frequency

   • CPU : 60 MHz

   • Resources : 40 MHz

• DMA controller (DMAC)

   • 8 channels

   • Address space : 32 bits (4 Gbytes)

   • Transfer modes : Block transfer/burst transfer/demand transfer

   • Address update : Increment/decrement/fixed (increment/decrement step size of 1, 2, or 4)

   • Transfer data length : Selectable from 8-bit, 16-bit, 32-bit

   • Block size : 1 to 16

   • Number of transfers : 1 to 65535

   • Transfer requests

      - Requests from software

      - Interrupt requests from peripheral resources (interrupt requests are shared, including external interrupts)

   • Reload functions : Reload can be specified on all channels

   • Priority order : Fixed (ch.0 > ch.1 > ch.2 > ch.3 > ...) or round-robin

   • Interrupt requests : Interrupts can be generated for transfer complete, transfer error, and transfer interrupted.

• Multifunction serial interface

   • 4 channels with 16-byte FIFO, 8 channels without FIFO

   • Operation mode is selectable from the followings for each channel (For ch.0, I2C is not available.)

      • UART

         - Full-duplex double buffer

         - Selectable parity on/off

         - Built-in dedicated baud rate generator

         - External clock can be used as a serial clock

         - Error detection function for parity, frame and overrun errors

      • CSIO

         - Full-duplex double buffer

         - Built-in dedicated baud rate generator

         - Overrun error detection function

      • I2C

         - Supports both standard mode (Max 100 kbps)and Fast mode (Max 400 kbps)

         - Some channels are 5 V tolerant

      • Interrupts

         • Total of 32 external interrupts (some pins are 5 V tolerant)

         • Interrupts from peripheral resources

         • Programmable interrupt levels (16 levels)

         • Can be used to return from stop mode, sleep mode

• A/D converter

   • 16 channels, 1 unit

   • 10-bit resolution

   • Conversion time : approx. 1.2 μs (PCLK = 33 MHz)

   • Priority conversion (2 levels)

   • Conversion modes : Single-shot conversion mode, scan conversion mode

   • Activation sources : Software, external trigger, base timer

   • Built-in FIFO for storing conversion data (for scan conversion:16, for priority conversion:4)

• D/A converter

   • 2 channels

   • 8-bit resolution   (Continued)



 




Similar Part No. - MB91F627

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
32-bit Microcontrollers
MB91F610APMC FUJITSU-MB91F610APMC Datasheet
517Kb / 104P
32-bit Microcontrollers
MB91F613 FUJITSU-MB91F613 Datasheet
517Kb / 104P
32-bit Microcontrollers
More results


Similar Description - MB91F627

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
AT91SC512384-128M ATMEL-AT91SC512384-128M Datasheet
146Kb / 3P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
32-bit Microcontrollers
logo
ATMEL Corporation
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
32-bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
32-bit Microcontrollers
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
32-Bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
32-bit microcontrollers
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com