Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OSY5XA56E1R Datasheet (PDF) - OptoSupply International

OSY5XA56E1R Datasheet PDF - OptoSupply International
Part # OSY5XA56E1R
Download  OSY5XA56E1R Download
File Size   99.31 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 4.8mm Straw Yellow LED

OSY5XA56E1R Datasheet (PDF)

Go To PDF Page Download Datasheet
OSY5XA56E1R Datasheet PDF - OptoSupply International

Part # OSY5XA56E1R
Download  OSY5XA56E1R Click to download

File Size   99.31 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 4.8mm Straw Yellow LED

OSY5XA56E1R Datasheet (HTML) - OptoSupply International




Similar Part No. - OSY5XA56E1R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5XA5141R OPTOSUPPLY-OSY5XA5141R Datasheet
97Kb / 1P
Tpower 5mm Yellow LED
More results


Similar Description - OSY5XA56E1R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XL56E1R OPTOSUPPLY-OSB5XL56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Blue LED
OSG3D356E1R OPTOSUPPLY-OSG3D356E1R Datasheet
97Kb / 1P
Tpower 4.8mm Straw Bluish Green LED
OSG5D356E1R OPTOSUPPLY-OSG5D356E1R Datasheet
97Kb / 1P
Tpower 4.8mm Straw Pure Green LED
OSG5XA56E1R OPTOSUPPLY-OSG5XA56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Pure Green LED
OSK5D356E1R OPTOSUPPLY-OSK5D356E1R Datasheet
96Kb / 1P
Tpower 4.8mm Straw Pink LED
OSK5XL56E1R OPTOSUPPLY-OSK5XL56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Pink LED
OSO5M356E1R OPTOSUPPLY-OSO5M356E1R Datasheet
98Kb / 1P
Tpower 4.8mm Straw Phoenix Orange LED
OSR5XA56E1R OPTOSUPPLY-OSR5XA56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Red LED
OSY5M356E1R OPTOSUPPLY-OSY5M356E1R Datasheet
98Kb / 1P
Tpower 4.8mm Straw Phoenix Yellow LED
OSY5SA56A1A OPTOSUPPLY-OSY5SA56A1A Datasheet
101Kb / 1P
4.8mm Straw Yellow LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com