Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1119 Datasheet (PDF) - Toshiba Semiconductor

2SK1119 Datasheet PDF - Toshiba Semiconductor
Part # 2SK1119
Download  2SK1119 Download
File Size   255.13 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK1119 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1119 Datasheet PDF - Toshiba Semiconductor

Part # 2SK1119
Download  2SK1119 Click to download

File Size   255.13 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK1119 Datasheet (HTML) - Toshiba Semiconductor


2SK1119 Product details

DC−DC Converter and Motor Drive Applications

● Low drain−source ON resistance : RDS (ON) = 3.0 Ω (typ.)
● High forward transfer admittance : |Yfs| = 2.0 S (typ.)
● Low leakage current : IDSS = 300 μA (max) (VDS = 800 V)
● Enhancement mode : Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK1119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1119 TOSHIBA-2SK1119 Datasheet
890Kb / 6P
Silicon N Channel MOS Type (짰#8722;MOSII.5) DC−DC Converter and Motor Drive Applications
2SK1119 TOSHIBA-2SK1119 Datasheet
556Kb / 6P
DC−DC Converter and Motor Drive Applications
2SK1119 TOSHIBA-2SK1119 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK1119 ISC-2SK1119 Datasheet
306Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK1119 TOSHIBA-2SK1119_07 Datasheet
890Kb / 6P
Silicon N Channel MOS Type (짰#8722;MOSII.5) DC−DC Converter and Motor Drive Applications
More results


Similar Description - 2SK1119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1120 TOSHIBA-2SK1120 Datasheet
255Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1359 TOSHIBA-2SK1359 Datasheet
390Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
04-Sep-2002
2SK1382 TOSHIBA-2SK1382 Datasheet
263Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2717 TOSHIBA-2SK2717 Datasheet
283Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
12-Nov-1998
2SK2718 TOSHIBA-2SK2718 Datasheet
285Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
12-Nov-1998
2SK2777 TOSHIBA-2SK2777 Datasheet
294Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2789 TOSHIBA-2SK2789 Datasheet
295Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2847 TOSHIBA-2SK2847 Datasheet
286Kb / 5P
N CHANNEL MOS TYPE HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2961 TOSHIBA-2SK2961 Datasheet
268Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
12-Nov-1998
2SK1382 TOSHIBA-2SK1382_06 Datasheet
748Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com