Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK1310 Datasheet (PDF) - Toshiba Semiconductor

2SK1310 Datasheet PDF - Toshiba Semiconductor
Part # 2SK1310
Download  2SK1310 Download
File Size   135.43 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (RF POWER MOS FET for VHF TV BROADCAST TRANSMITTER)

2SK1310 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1310 Datasheet PDF - Toshiba Semiconductor

Part # 2SK1310
Download  2SK1310 Click to download

File Size   135.43 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (RF POWER MOS FET for VHF TV BROADCAST TRANSMITTER)

2SK1310 Datasheet (HTML) - Toshiba Semiconductor


2SK1310 Product details

RF POWER MOS FET for VHF TV BROADCAST TRANSMITTER



Output Power : Po ≥ 190 W (Min.)

Drain Efficiency : ηD = 65% (Typ.)

Frequency : f = 230 MHz

Push−Pull Structure Package




Similar Part No. - 2SK1310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1310A TOSHIBA-2SK1310A Datasheet
132Kb / 3P
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE
2SK1310A TOSHIBA-2SK1310A Datasheet
189Kb / 5P
TRANSISTOR SILICON N CHANNEL MOS TYPE RF POWER MOS FET for VHF TV BROADCAST TRANSMITTER
2SK1310A TOSHIBA-2SK1310A_07 Datasheet
189Kb / 5P
TRANSISTOR SILICON N CHANNEL MOS TYPE RF POWER MOS FET for VHF TV BROADCAST TRANSMITTER
More results


Similar Description - 2SK1310

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1028 TOSHIBA-2SK1028 Datasheet
123Kb / 2P
N CHANNEL MOS TYPE (RF POWER MOS FET for VHF TV BROADCAST TRANSMITTER
2SK1739 TOSHIBA-2SK1739 Datasheet
146Kb / 3P
N CHANNEL MOS TYPE (RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER)
3SK151 TOSHIBA-3SK151 Datasheet
232Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV TYNER VHF MIXER, VHF RF AMPLIFIER APPLICATIONS)
3SK260 TOSHIBA-3SK260 Datasheet
229Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER VHF MIXER,VHF RF AMPLIFIER APPLICATIONS)
3SK292 TOSHIBA-3SK292 Datasheet
204Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER APPLICATIONS)
3SK294 TOSHIBA-3SK294 Datasheet
204Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER APPLICATIONS)
logo
Sanyo Semicon Device
2SK1739A SANYO-2SK1739A Datasheet
123Kb / 4P
RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER
logo
Toshiba Semiconductor
2SK1310A TOSHIBA-2SK1310A_07 Datasheet
189Kb / 5P
TRANSISTOR SILICON N CHANNEL MOS TYPE RF POWER MOS FET for VHF TV BROADCAST TRANSMITTER
2SK1739A TOSHIBA-2SK1739A Datasheet
212Kb / 5P
FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE RF POWER MOS FET for UHF TV BROADCAST TRANSMITTER
3SK226 TOSHIBA-3SK226_07 Datasheet
678Kb / 6P
Silicon N Channel Dual Gate MOS Type TV Tuner, VHF RF Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com