Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1631HVT Datasheet (PDF) - Microchip Technology

MCP1631HVT Datasheet PDF - Microchip Technology
Part # MCP1631HVT
Download  MCP1631HVT Download
File Size   594.18 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed, Pulse Width Modulator

MCP1631HVT Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1631HVT Datasheet PDF - Microchip Technology

Part # MCP1631HVT
Download  MCP1631HVT Click to download

File Size   594.18 Kbytes
Page   34 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High-Speed, Pulse Width Modulator

MCP1631HVT Datasheet (HTML) - Microchip Technology


MCP1631HVT Product details

General Description

The MCP1631/MCP1631V is a high-speed analog pulse width modulator (PWM) used to develop intelligent power systems.  When combined with a microcontroller, the MCP1631/MCP1631V will control the power system duty cycle providing output voltage or current regulation. The microcontroller can be used to adjust output voltage or current, switching frequency and maximum duty cycle while providing additional features making the power system more intelligent, robust and adaptable.



Features

• Programmable Switching Battery Charger

Designs

• High-Speed Analog PWM Controller

(2 MHz Operation)

• Combine with Microcontroller for “Intelligent”

Power System Development

• Peak Current Mode Control (MCP1631)

• Voltage Mode Control (MCP1631V)

• High Voltage Options Operate to +16V Input:

- MCP1631HV Current Mode

- MCP1631VHV Voltage Mode

• Regulated Output Voltage Options:

- +5.0V or +3.3V

- 250 mA maximum current

• External Oscillator Input sets Switching

Frequency and Maximum Duty Cycle Limit

• External Reference Input Sets Regulation Voltage

or Current

• Error Amplifier, Battery Current ISNSAmplifier,

Battery Voltage VSNSAmplifier Integrated

• Integrated Overvoltage Comparator

• Integrated High Current Low Side MOSFET

Driver (1A Peak)

• Shutdown mode reduces IQ to 2.4 µA (typical)

• Internal Overtemperature Protection

• Undervoltage Lockout (UVLO)

• Package Options:

- 4 mm x 4 mm 20-Lead QFN

(MCP1631/MCP1631V only)

- 20-Lead TSSOP (All Devices)

- 20-Lead SSOP (All Devices)




Similar Part No. - MCP1631HVT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311 MICROCHIP-MCP16311 Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
MCP16311-E/MNY MICROCHIP-MCP16311-E/MNY Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311-E/MS MICROCHIP-MCP16311-E/MS Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311-E/MS MICROCHIP-MCP16311-E/MS Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
More results


Similar Description - MCP1631HVT

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560 AD-AD9560 Datasheet
424Kb / 8P
High Speed Monolithic Pulse Width Modulator
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1630 MICROCHIP-MCP1630_05 Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Texas Instruments
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com