Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK20D60U Datasheet (PDF) - Toshiba Semiconductor

TK20D60U Datasheet PDF - Toshiba Semiconductor
Part # TK20D60U
Download  TK20D60U Download
File Size   203.35 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type (DTMOS??

TK20D60U Datasheet (PDF)

Go To PDF Page Download Datasheet
TK20D60U Datasheet PDF - Toshiba Semiconductor

Part # TK20D60U
Download  TK20D60U Click to download

File Size   203.35 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type (DTMOS??

TK20D60U Datasheet (HTML) - Toshiba Semiconductor


TK20D60U Product details

Switching Regulator Applications

• Low drain-source ON-resistance: RDS (ON) = 0.165Ω (typ.)
• High forward transfer admittance: ⎪Yfs⎪ = 12 S (typ.)
• Low leakage current: IDSS = 100 μA (VDS = 600 V)
• Enhancement mode: Vth = 3.0 to 5.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TK20D60U

ManufacturerPart #DatasheetDescription
logo
Caddock Electronics, In...
TK200 CADDOCK-TK200 Datasheet
371Kb / 2P
Type TK Low TC Precision Radial-Lead Film Resistors
logo
Toshiba Semiconductor
TK200A65Z5 TOSHIBA-TK200A65Z5 Datasheet
493Kb / 10P
MOSFETs Silicon N-Channel MOS
2024-04-08 Rev.1.0
TK200E65Z5 TOSHIBA-TK200E65Z5 Datasheet
503Kb / 10P
MOSFETs Silicon N-Channel MOS
2024-04-08 Rev.1.0
TK200F04N1L TOSHIBA-TK200F04N1L Datasheet
306Kb / 11P
Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.8.0
TK200U65Z5 TOSHIBA-TK200U65Z5 Datasheet
509Kb / 9P
MOSFETs Silicon N-Channel MOS
2024-09-26 Rev.1.0
More results


Similar Description - TK20D60U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
TK12A60U TOSHIBA-TK12A60U Datasheet
187Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK12D60U TOSHIBA-TK12D60U Datasheet
180Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK13A65U TOSHIBA-TK13A65U Datasheet
210Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK15A60U TOSHIBA-TK15A60U Datasheet
162Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK15D60U TOSHIBA-TK15D60U Datasheet
204Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK20A60U TOSHIBA-TK20A60U Datasheet
184Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type (DTMOS??
TK40J60T TOSHIBA-TK40J60T Datasheet
207Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type (DTMOS)
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
Field-Effect Transistor Silicon N-Channel MOS Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com