Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL12W02-N Datasheet (PDF) - Toshiba Semiconductor

TL12W02-N Datasheet PDF - Toshiba Semiconductor
Part # TL12W02-N
Download  TL12W02-N Download
File Size   304.04 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LED lamps

TL12W02-N Datasheet (PDF)

Go To PDF Page Download Datasheet
TL12W02-N Datasheet PDF - Toshiba Semiconductor

Part # TL12W02-N
Download  TL12W02-N Click to download

File Size   304.04 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description LED lamps

TL12W02-N Datasheet (HTML) - Toshiba Semiconductor


TL12W02-N Product details

○ Surface-mount devices

• 10.5 (L) mm × 5.0 (W) mm × 2.1 (H) mm
• High luminous flux: 90 lm(typ.) @250 mA
• Color: white (neutral white)
• Topr / Tstg: −40 to 100°C
• Reflow-solderable
• Standard embossed tape packing: T30 (500 pcs / reel)
                                                          8-mm pitch, 24-mm tape reel
• Applications : general lighting




Similar Part No. - TL12W02-N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TL12W02-D TOSHIBA-TL12W02-D Datasheet
306Kb / 10P
LED lamps
TL12W02-DT30 TOSHIBA-TL12W02-DT30 Datasheet
306Kb / 10P
LED lamps
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
LED lamps
TL12W02-LT30 TOSHIBA-TL12W02-LT30 Datasheet
305Kb / 10P
LED lamps
More results


Similar Description - TL12W02-N

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-314HT A-BRIGHT-AL-314HT Datasheet
309Kb / 5P
LED Lamps
2006/9/20
AL-513RGBC-C-002 A-BRIGHT-AL-513RGBC-C-002 Datasheet
339Kb / 7P
LED Lamps
2008/6/10
AL-513RGBW-A-002 A-BRIGHT-AL-513RGBW-A-002 Datasheet
282Kb / 7P
LED Lamps
2008/6/10
AL-513RGBW-C-002 A-BRIGHT-AL-513RGBW-C-002 Datasheet
241Kb / 7P
LED Lamps
2008/6/10
logo
Toshiba Semiconductor
TL12W02-L TOSHIBA-TL12W02-L Datasheet
305Kb / 10P
LED lamps
TL21W02-D TOSHIBA-TL21W02-D Datasheet
259Kb / 9P
LED lamps
logo
Ningbo Foryard Optoelec...
FYCL-S19AR2G4-XX FORYARD-FYCL-S19AR2G4-XX Datasheet
378Kb / 4P
LED Lamps
logo
Lucky Light Electronic
AL-31-40IRC-850 LUCKY-LIGHT-AL-31-40IRC-850_15 Datasheet
324Kb / 5P
LED Lamps
AL-50-30IRC-850 LUCKY-LIGHT-AL-50-30IRC-850_15 Datasheet
351Kb / 5P
LED Lamps
AL-50-30UW5C LUCKY-LIGHT-AL-50-30UW5C_15 Datasheet
394Kb / 6P
LED Lamps
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com