Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DD311 Datasheet (PDF) - Silicon Touch Technology Inc.

DD311 Datasheet PDF - Silicon Touch Technology Inc.
Part # DD311
Download  DD311 Download
File Size   416.63 Kbytes
Page   15 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description HIGH CONSTANT CURRENT LED DRIVER

DD311 Datasheet (PDF)

Go To PDF Page Download Datasheet
DD311 Datasheet PDF - Silicon Touch Technology Inc.

Part # DD311
Download  DD311 Click to download

File Size   416.63 Kbytes
Page   15 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description HIGH CONSTANT CURRENT LED DRIVER

DD311 Datasheet (HTML) - Silicon Touch Technology Inc.


DD311 Product details

General Description

DD311 is a single-channel constant current LED driver, which incorporates current mirror and current switch, designed to drive power LEDs. It can provide a maximum sink current of 1A, adjustable by reference current input. The output current is 100 times the input current value set by an external resistor or bias voltage. Tuning or enabling the bias voltage can provide dot correction or global brightness control in LEDs system. The Maximum output voltage of 36V can provide more series power LEDs in a string. The output enable allows dimming control applications.



Features

Maximum output current: 1A (determined by input reference current)

Minimum output voltage: 1V (Iout = 1A)

Maximum output voltage: 36V (output leakage current < 0.1uA)

Maximum output enable frequency: 1MHz

Excellent output current accuracy



Applications

LED architectural or entertainment lighting

LED general or specialty illumination

LED backlighting applications




Similar Part No. - DD311

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DD311 SITI-DD311 Datasheet
352Kb / 20P
HIGH CONSTANT CURRENT LED DRIVER
logo
API Technologies Corp
DD311A APITECH-DD311A Datasheet
279Kb / 6P
PIN Diode Drivers
DD311A APITECH-DD311A Datasheet
279Kb / 6P
PIN Diode Drivers
DD311A APITECH-DD311A Datasheet
935Kb / 1P
HIGH SPEED SPST
DD311A APITECH-DD311A Datasheet
935Kb / 1P
HIGH SPEED SPST
More results


Similar Description - DD311

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
logo
Silicon Touch Technolog...
DD311 SITI-DD311_1 Datasheet
352Kb / 20P
HIGH CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
LD1026 ETC1-LD1026 Datasheet
34Kb / 1P
High Power Constant Current LED Driver
LD-CUANDLD-PI ETC1-LD-CUANDLD-PI Datasheet
39Kb / 1P
High Power Constant Current LED Driver
logo
Marl International Limi...
CC1512 MARL-CC1512 Datasheet
64Kb / 2P
High Power Constant Current LED Driver
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com