Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

11-VM148 Datasheet (PDF) - Silicon Touch Technology Inc.

11-VM148 Datasheet PDF - Silicon Touch Technology Inc.
Part # 11-VM148
Download  11-VM148 Download
File Size   342.8 Kbytes
Page   17 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 130mA, 10Bit Current Sinking VCM Driver with I2C Interface

11-VM148 Datasheet (PDF)

Go To PDF Page Download Datasheet
11-VM148 Datasheet PDF - Silicon Touch Technology Inc.

Part # 11-VM148
Download  11-VM148 Click to download

File Size   342.8 Kbytes
Page   17 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 130mA, 10Bit Current Sinking VCM Driver with I2C Interface

11-VM148 Datasheet (HTML) - Silicon Touch Technology Inc.




Similar Part No. - 11-VM148

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
11-00-000-9509 HARTING-11-00-000-9509 Datasheet
455Kb / 2P
Yellock PE extension crimp 6mm짼
11-00-000-9510 HARTING-11-00-000-9510 Datasheet
455Kb / 2P
Yellock PE extension crimp 10mm짼
11-00-000-9903 HARTING-11-00-000-9903 Datasheet
454Kb / 2P
Fixing Kit Han-Yellock hoods
2021-10-01
logo
Tensility International...
11-00011 TENSILITY-11-00011 Datasheet
99Kb / 1P
20802 Sockeye Place #130 Bend, OR 97701 USA
11-00012 TENSILITY-11-00012 Datasheet
114Kb / 1P
20802 Sockeye Place #130 Bend, OR 97701 USA
More results


Similar Description - 11-VM148

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
logo
Silicon Touch Technolog...
11-MD118A SITI-11-MD118A Datasheet
515Kb / 20P
8-BIT DAC VCM Driver with I2C Interface
11-MD118B SITI-11-MD118B Datasheet
339Kb / 20P
8-BIT DAC VCM Driver with I2C Interface
11-MD218A SITI-11-MD218A Datasheet
420Kb / 17P
130mA, 10Bit Current Sinking VCM Driver with I2C Interface
11-MD218B SITI-11-MD218B Datasheet
420Kb / 17P
130mA, 10Bit Current Sinking VCM Driver with I2C Interface
logo
Eutech Microelectronics...
EUM6820 EUTECH-EUM6820 Datasheet
122Kb / 1P
100mA Current Sink VCM Driver with I2C Interface
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Rohm
BU64241GWZ ROHM-BU64241GWZ Datasheet
938Kb / 24P
Linear Constant Current VCM Driver
logo
Maxim Integrated Produc...
MAX20444B MAXIM-MAX20444B Datasheet
1Mb / 41P
Automotive 4-Channel, 130mA Backlight Driver with Boost/SEPIC Controller and I2C Interface
2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com