Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3084 Datasheet (PDF) - Toshiba Semiconductor

2SK3084 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3084
Download  2SK3084 Download
File Size   142.3 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK3084 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3084 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3084
Download  2SK3084 Click to download

File Size   142.3 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)

2SK3084 Datasheet (HTML) - Toshiba Semiconductor


2SK3084 Product details

Chopper Regulator DC−DC Converter, and Motor Drive Applications

• 4 V gate drive
• Low drain−source ON resistance : RDS (ON) = 40 mΩ (typ.)
• High forward transfer admittance : |Yfs| = 27 S (typ.)
• Low leakage current : IDSS = 100 µA (max) (VDS = 100 V)
• Enhancement−mode : Vth = 0.8~2.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3084

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK308 ISC-2SK308 Datasheet
343Kb / 2P
isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK3080 HITACHI-2SK3080 Datasheet
49Kb / 9P
Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3080 ISC-2SK3080 Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK3081 HITACHI-2SK3081 Datasheet
50Kb / 9P
Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK3081 RENESAS-2SK3081 Datasheet
987Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
More results


Similar Description - 2SK3084

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2777 TOSHIBA-2SK2777 Datasheet
294Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2789 TOSHIBA-2SK2789 Datasheet
295Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2992 TOSHIBA-2SK2992 Datasheet
277Kb / 5P
N CHANNEL MOS TYPE(HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER,AND MOTOR DRIVE APPLICATIONS)
2SK2995 TOSHIBA-2SK2995 Datasheet
296Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3051 TOSHIBA-2SK3051 Datasheet
140Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3068 TOSHIBA-2SK3068 Datasheet
291Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3089 TOSHIBA-2SK3089 Datasheet
137Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3090 TOSHIBA-2SK3090 Datasheet
137Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK3128 TOSHIBA-2SK3128 Datasheet
140Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1486 TOSHIBA-2SK1486_06 Datasheet
744Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com