Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMLD-IZ Datasheet (PDF) - AIMTEC

AMLD-IZ Datasheet PDF - AIMTEC
Part # AMLD-IZ
Download  AMLD-IZ Download
File Size   281.98 Kbytes
Page   8 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description Up to 1200mA | LED Driver

AMLD-IZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AMLD-IZ Datasheet PDF - AIMTEC

Part # AMLD-IZ
Download  AMLD-IZ Click to download

File Size   281.98 Kbytes
Page   8 Pages
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC
Description Up to 1200mA | LED Driver

AMLD-IZ Datasheet (HTML) - AIMTEC


AMLD-IZ Product details

FEATURES:
• High Power LED Driver
• Wide (7:1) Input Voltage Range
• Remote Control Function
• 24 Pin DIP Package or 2x1 Inch Package Types
• Constant Output Current
• High Efficiency (Up to 96%)
• PWM Digital Dimming Function (10 – 90%)
• Analogue Dimming Function (0 – 100%) ①




Similar Part No. - AMLD-IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
941Kb / 13P
Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_1 Datasheet
941Kb / 13P
Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_13 Datasheet
580Kb / 12P
Up to 2000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_16 Datasheet
593Kb / 12P
Up to 2000mA | LED Driver
More results


Similar Description - AMLD-IZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDL-Z AIMTEC-AMLDL-Z Datasheet
310Kb / 14P
Up to 1000mA | LED Driver
AMLD-IZ AIMTEC-AMLD-IZ_1 Datasheet
941Kb / 13P
Up to 2000mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ Datasheet
426Kb / 8P
Up to 700mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
Up to 700mA | LED Driver
AMLDW-RZ AIMTEC-AMLDW-RZ Datasheet
299Kb / 3P
Up to 1000mA | LED Driver
logo
Lowpower Semiconductor ...
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z_16 Datasheet
481Kb / 13P
Up to 1000mA | LED Driver
AMER50N-Z AIMTEC-AMER50N-Z Datasheet
517Kb / 5P
up to 1200mA | AC-DC LED driver
AMER90C-Z AIMTEC-AMER90C-Z Datasheet
902Kb / 6P
up to 1200mA | AC-DC LED driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com