Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903VN Datasheet (PDF) - Motorola, Inc

LM2903VN Datasheet PDF - Motorola, Inc
Part # LM2903VN
Download  LM2903VN Download
File Size   136.39 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SINGLE SUPPLY, LOW POWER DUAL COMPARATORS

LM2903VN Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2903VN Datasheet PDF - Motorola, Inc

Part # LM2903VN
Download  LM2903VN Click to download

File Size   136.39 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SINGLE SUPPLY, LOW POWER DUAL COMPARATORS

LM2903VN Datasheet (HTML) - Motorola, Inc


LM2903VN Product details

SINGLE SUPPLY, LOW POWER DUAL COMPARATORS



The LM393 series are dual independent precision voltage comparators capable of single or split supply operation. These devices are designed to permit a common mode range–to–ground level with single supply operation. Input offset voltage specifications as low as 2.0 mV make this device an excellent selection for many applications in consumer automotive, and industrial electronics.



• Wide Single–Supply Range: 2.0 Vdc to 36 Vdc

• Split–Supply Range: ±1.0 Vdc to ±18 Vdc

• Very Low Current Drain Independent of Supply Voltage: 0.4 mA

• Low Input Bias Current: 25 nA

• Low Input Offset Current: 5.0 nA

• Low Input Offset Voltage: 2.0 mV (max) LM393A

                                    5.0 mV (max) LM293/393

• Input Common Mode Range to Ground Level

• Differential Input Voltage Range Equal to Power Supply Voltage

• Output Voltage Compatible with DTL, ECL, TTL, MOS, and CMOS Logic Levels

• ESD Clamps on the Inputs Increase the Ruggedness of the Device without Affecting Performance




Similar Part No. - LM2903VN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2903VN ONSEMI-LM2903VN Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
LM2903VN ONSEMI-LM2903VN Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
LM2903VNG ONSEMI-LM2903VNG Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
LM2903VNG ONSEMI-LM2903VNG Datasheet
118Kb / 10P
Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
LM2903VNG ONSEMI-LM2903VNG Datasheet
331Kb / 13P
Low Offset Voltage Dual Comparators
August, 2021 - Rev. 33
More results


Similar Description - LM2903VN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX921 MAXIM-MAX921 Datasheet
139Kb / 16P
Ultra Low-Power, Single/Dual-Supply Comparators
19-0115; Rev 3; 3/95
MAX971 MAXIM-MAX971 Datasheet
325Kb / 17P
Ultra-Low-Power, Open-Drain, Single/Dual-Supply Comparators
Rev 3; 2/03
MAX976 MAXIM-MAX976 Datasheet
120Kb / 8P
Single/Dual/Quad, SOT23, Single-Supply, High-Speed, Low-Power Comparators
Rev 1; 1/98
MAX921 MAXIM-MAX921_09 Datasheet
192Kb / 17P
Ultra Low-Power, Single/Dual-Supply Comparators
Rev 6; 4/09
logo
Touchstone Semiconducto...
TSM921 TOUCHSTONE-TSM921 Datasheet
1Mb / 19P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 TOUCHSTONE-TSM931 Datasheet
1Mb / 20P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 TOUCHSTONE-TSM971 Datasheet
1Mb / 18P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
logo
Silicon Laboratories
TSM921 SILABS-TSM921 Datasheet
1Mb / 20P
Ultra-Low-Power, Single/Dual-Supply Comparators
TSM931 SILABS-TSM931 Datasheet
1Mb / 21P
Ultra Low-Power Single/Dual-Supply Comparators with Reference
TSM971 SILABS-TSM971 Datasheet
1Mb / 19P
Ultra-Low-Power, Open-Drain Single/Dual-Supply Comparators
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com