Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30FWJ2CZ47M Datasheet (PDF) - Toshiba Semiconductor

30FWJ2CZ47M Datasheet PDF - Toshiba Semiconductor
Part # 30FWJ2CZ47M
Download  30FWJ2CZ47M Download
File Size   170.12 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SCHOTTKY BARRIER TYPE (LOW FORWARD VOLTAGE SCHOTTK BARRIER)

30FWJ2CZ47M Datasheet (PDF)

Go To PDF Page Download Datasheet
30FWJ2CZ47M Datasheet PDF - Toshiba Semiconductor

Part # 30FWJ2CZ47M
Download  30FWJ2CZ47M Click to download

File Size   170.12 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description SCHOTTKY BARRIER TYPE (LOW FORWARD VOLTAGE SCHOTTK BARRIER)

30FWJ2CZ47M Datasheet (HTML) - Toshiba Semiconductor


30FWJ2CZ47M Product details

LOW FORWARD VOLTAGE SCHOTTKY BARRIER

SWITCHING MODE POWER SUPPLY APPLICATION

CONVERTER & CHOPPER APPLICATION



Peak Forward Voltage : VFM ≤ 0.47 V

Repetitive Peak Reverse Voltage : VRRM = 30 V

Average Output Rectified Current : IO = 30 A

Low Switching Losses and Output Noise




Similar Part No. - 30FWJ2CZ47M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30FWJ2CZ47M TOSHIBA-30FWJ2CZ47M Datasheet
302Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER
logo
Inchange Semiconductor ...
30FWJ2CZ47M ISC-30FWJ2CZ47M Datasheet
299Kb / 2P
Schottky Rectifier
logo
Toshiba Semiconductor
30FWJ2CZ47M TOSHIBA-30FWJ2CZ47M_06 Datasheet
302Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER
More results


Similar Description - 30FWJ2CZ47M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30FWJ2C48M TOSHIBA-30FWJ2C48M Datasheet
172Kb / 3P
SCHOTTKY BARRIER TYPE (SOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE)
10FWJ2C48M TOSHIBA-10FWJ2C48M_06 Datasheet
330Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODE
30FWJ2CZ47M TOSHIBA-30FWJ2CZ47M_06 Datasheet
302Kb / 5P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER
logo
MIC GROUP RECTIFIERS
SRFL1030 MIC-SRFL1030 Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRFL1630 MIC-SRFL1630 Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
SRL3030P MIC-SRL3030P Datasheet
60Kb / 2P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SL34F CHENDA-SL34F_V01 Datasheet
2Mb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL54F CHENDA-SL54F_V01 Datasheet
839Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
SL32B CHENDA-SL32B_V01 Datasheet
988Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
Rev:2019A0
SL52C CHENDA-SL52C_V01 Datasheet
920Kb / 3P
LOW FORWARD VOLTAGE SCHOTTKY BARRIER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com