Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS184 Datasheet (PDF) - Weitron Technology

1SS184 Datasheet PDF - Weitron Technology
Part # 1SS184
Download  1SS184 Download
File Size   221.93 Kbytes
Page   2 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount Switching Diodes 100m AMPERES 80 VOLTS

1SS184 Datasheet (PDF)

Go To PDF Page Download Datasheet
1SS184 Datasheet PDF - Weitron Technology

Part # 1SS184
Download  1SS184 Click to download

File Size   221.93 Kbytes
Page   2 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Surface Mount Switching Diodes 100m AMPERES 80 VOLTS

1SS184 Datasheet (HTML) - Weitron Technology


1SS184 Product details

SWITCHING DIODE 100m AMPERES 80 VOLTS



Features:

* Fast Switching Speed

* Surface Mount Package Ideally Suited for Automatic Insertion

* High Conductance

* For General Purpose Switching Applications



 




Similar Part No. - 1SS184

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS184 TOSHIBA-1SS184 Datasheet
129Kb / 2P
DIODE (ULTRA HIGH SPEED SWITCHING APLICATION)
1SS184 TOSHIBA-1SS184 Datasheet
197Kb / 3P
Ultra High Speed Switching Application
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
Surface mount switching diode
Rev.A
logo
Guangdong Kexin Industr...
1SS184 KEXIN-1SS184 Datasheet
35Kb / 1P
ULTRA HIGH SPEED SWITCHING APPLICATION
logo
SEMTECH ELECTRONICS LTD...
1SS184 SEMTECH_ELEC-1SS184 Datasheet
135Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results


Similar Description - 1SS184

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
List of Unclassifed Man...
CHN217UPT ETC2-CHN217UPT Datasheet
60Kb / 2P
SURFACE MOUNT SWITCHING DIODE VOLTAGE 80 Volts CURRENT 0.1 Ampere
logo
Yea Shin Technology Co....
MMBD4148 YEASHIN-MMBD4148 Datasheet
474Kb / 2P
SURFACE MOUNT SWITCHING DIODES VOLTAGE: 75 Volts POWER: 250mW
MMBD4448 YEASHIN-MMBD4448 Datasheet
474Kb / 2P
SURFACE MOUNT SWITCHING DIODES VOLTAGE: 75 Volts POWER: 250mW
logo
Weitron Technology
1SS356 WEITRON-1SS356 Datasheet
1Mb / 3P
Band Switching Diode 100m AMPERES 35 VOLTS
1SS400BS WEITRON-1SS400BS Datasheet
824Kb / 3P
SWITCHING DIODES 225m AMPERES 90 VOLTS
1SS400D WEITRON-1SS400D Datasheet
511Kb / 3P
SWITCHING DIODES 100m AMPERES 90 VOLTS
BA277 WEITRON-BA277 Datasheet
1Mb / 3P
BAND SWITCHING DIODE 100m AMPERES 35 VOLTS
BAS16BS WEITRON-BAS16BS Datasheet
900Kb / 3P
SWITCHING DIODES 500m AMPERES 75 VOLTS
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com