Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17-2 Datasheet (PDF) - Toshiba Semiconductor

CNY17-2 Datasheet PDF - Toshiba Semiconductor
Part # CNY17-2
Download  CNY17-2 Download
File Size   323.48 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description IRED & PHOTO-TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)

CNY17-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CNY17-2 Datasheet PDF - Toshiba Semiconductor

Part # CNY17-2
Download  CNY17-2 Click to download

File Size   323.48 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description IRED & PHOTO-TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)

CNY17-2 Datasheet (HTML) - Toshiba Semiconductor


CNY17-2 Product details

AC Line / Digital Logic Isolator
Digital Logic / Digital Logic Isolator
Telephone Line Receiver
Twisted Pair Line Receiver
High Frequency Power Supply Feedback Control
Relay Contact Monitor

The TOSHIBA Corporation CNY17 consist of a gallium arsenide infrared emitting diode coupled with a silicon photo transistor in a dual in−line package.

• Small package size and low cost
• Fast switching speeds: 5µs (typ.)
• High DC current transfer ratio: CTR(IF = 10mA, VCE = 5V) CNY17−2: 63~125% CNY17−3: 100~200% CNY17−4: 160~320%
• High isolation resistance: 1011Ω (typ.)
• High isolation voltage: 4400V (min.)




Similar Part No. - CNY17-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17-2 VISHAY-CNY17-2 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
logo
QT Optoelectronics
CNY17-2 QT-CNY17-2 Datasheet
546Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
CNY17-2 FAIRCHILD-CNY17-2 Datasheet
228Kb / 11P
PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
CNY17-2 ETC-CNY17-2 Datasheet
66Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Fairchild Semiconductor
CNY17-2 FAIRCHILD-CNY17-2 Datasheet
575Kb / 14P
Phototransistor Optocouplers
More results


Similar Description - CNY17-2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
4N25 TOSHIBA-4N25 Datasheet
324Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
27-Feb-1998
4N35 TOSHIBA-4N35 Datasheet
333Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
27-Feb-1998
4N38 TOSHIBA-4N38 Datasheet
307Kb / 6P
PHOTO TRANSISTOR (AC LINE/DIGITAL LOGIC ISOLATOR)
29-Mar-1999
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
TLP633 TOSHIBA-TLP633 Datasheet
385Kb / 7P
GaAs IRED AND PHOTO-TRANSISTOR
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
GaA?밃s Ired & Photo IC Digital Logic Isolation.
TLP627 TOSHIBA-TLP627_07 Datasheet
758Kb / 8P
GaAs IRED & PHOTO-TRANSISTOR
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
GaAs Ired & Photo−Transistor
TLP291 TOSHIBA-TLP291 Datasheet
290Kb / 13P
GaAs IRED & PHOTO-TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com