Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT50J322 Datasheet (PDF) - Toshiba Semiconductor

GT50J322 Datasheet PDF - Toshiba Semiconductor
Part # GT50J322
Download  GT50J322 Download
File Size   254.94 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (THE 4TH CENERATION CURRENT RESONACE INVERTER SWITHCING APPLICATIONS)

GT50J322 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT50J322 Datasheet PDF - Toshiba Semiconductor

Part # GT50J322
Download  GT50J322 Click to download

File Size   254.94 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (THE 4TH CENERATION CURRENT RESONACE INVERTER SWITHCING APPLICATIONS)

GT50J322 Datasheet (HTML) - Toshiba Semiconductor


GT50J322 Product details

Discrete IGBTs (PDF:875KB) 03/2011 :
http://toshiba.semicon-storage.com/info/docget.jsp?did=7429

* GT30G124

- Breakdown Voltage VCES(V) @Ta = 25C  :  430V

- IGBT Current Rating IC(A) @Ta = 25C : 200A



* GT30J124

- Breakdown Voltage VCES(V) @Ta = 25C  :  600V

- IGBT Current Rating IC(A) @Ta = 25C : 200A

Applications and Features : Plasma display panels




Similar Part No. - GT50J322

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT50J322 TOSHIBA-GT50J322 Datasheet
614Kb / 6P
SILICON N CHANNEL IGBT FOURTH GENERATION IGBT
GT50J322 TOSHIBA-GT50J322 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
GT50J322H TOSHIBA-GT50J322H Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
GT50J322 TOSHIBA-GT50J322_06 Datasheet
614Kb / 6P
SILICON N CHANNEL IGBT FOURTH GENERATION IGBT
More results


Similar Description - GT50J322

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2440 TOSHIBA-2SD2440 Datasheet
168Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITHCING APPLICATIONS)
2SK2038 TOSHIBA-2SK2038 Datasheet
198Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
GT30J322 TOSHIBA-GT30J322 Datasheet
257Kb / 5P
N CHANNEL MOS TYPE ( THE 4TH GENERATION CURRENT RESONANCE INVERTER SWITCHING APPLICATIONS)
GT40M301 TOSHIBA-GT40M301 Datasheet
271Kb / 5P
N CHANNEL TMOS TYPE(HIGH POWER SWITHCING APPLICATIONS)
GT40T101 TOSHIBA-GT40T101 Datasheet
207Kb / 3P
N CHANNEL MOS TYPE (HIGH POWER SWITHCING APPLICATIONS)
GT5G103 TOSHIBA-GT5G103 Datasheet
221Kb / 4P
N CHANNEL MOS TYPE (STROBE FLASH APPLICATIONS)
GT60M301 TOSHIBA-GT60M301 Datasheet
292Kb / 5P
N CHANNEL MOS TYPE (HIGH POWER SWITHCING APPLICATIONS)
GT8G131 TOSHIBA-GT8G131 Datasheet
211Kb / 6P
N CHANNEL MOS TYPE (STROBE FLASH APPLICATIONS)
GT60J321 TOSHIBA-GT60J321 Datasheet
183Kb / 6P
The 4th Generation Soft Switching Applications
GT60J322 TOSHIBA-GT60J322 Datasheet
277Kb / 6P
The 4th Generation Soft Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com