Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT80J101 Datasheet (PDF) - Toshiba Semiconductor

GT80J101 Datasheet PDF - Toshiba Semiconductor
Part # GT80J101
Download  GT80J101 Download
File Size   228.88 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH POWER SWITCHING APPLICATIONS)

GT80J101 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT80J101 Datasheet PDF - Toshiba Semiconductor

Part # GT80J101
Download  GT80J101 Click to download

File Size   228.88 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH POWER SWITCHING APPLICATIONS)

GT80J101 Datasheet (HTML) - Toshiba Semiconductor


GT80J101 Product details

Discrete IGBTs (PDF:875KB) 03/2011 :
http://toshiba.semicon-storage.com/info/docget.jsp?did=7429

* GT30G124

- Breakdown Voltage VCES(V) @Ta = 25C  :  430V

- IGBT Current Rating IC(A) @Ta = 25C : 200A



* GT30J124

- Breakdown Voltage VCES(V) @Ta = 25C  :  600V

- IGBT Current Rating IC(A) @Ta = 25C : 200A

Applications and Features : Plasma display panels




Similar Part No. - GT80J101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT80J101 TOSHIBA-GT80J101 Datasheet
835Kb / 16P
Discrete IGBTs
GT80J101A TOSHIBA-GT80J101A Datasheet
835Kb / 16P
Discrete IGBTs
GT80J101B TOSHIBA-GT80J101B Datasheet
69Kb / 6P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
More results


Similar Description - GT80J101

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2035 TOSHIBA-2SK2035 Datasheet
195Kb / 3P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
2SK2036 TOSHIBA-2SK2036 Datasheet
197Kb / 3P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
GT60M302 TOSHIBA-GT60M302 Datasheet
275Kb / 5P
N CHANNEL MOS TYPE (HIGH POWER SWITCHING APPLICATIONS)
2SK982 TOSHIBA-2SK982_07 Datasheet
519Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
2SK1365 TOSHIBA-2SK1365_06 Datasheet
765Kb / 6P
Silicon N Channel MOS Type Switching Power Supply Applications
2SK2035 TOSHIBA-2SK2035_07 Datasheet
542Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
2SK2036 TOSHIBA-2SK2036_07 Datasheet
574Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, ANALOG SWITCHING APPLICATIONS)
HN1K03FU TOSHIBA-HN1K03FU_07 Datasheet
292Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
HN1K04FU TOSHIBA-HN1K04FU_07 Datasheet
156Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
HN1K06FU TOSHIBA-HN1K06FU_07 Datasheet
157Kb / 5P
Silicon N Channel MOS Type High Speed Switching Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com