Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5164165F Datasheet (PDF) - Elpida Memory

HM5164165F Datasheet PDF - Elpida Memory
Part # HM5164165F
Download  HM5164165F Download
File Size   315.83 Kbytes
Page   36 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh

HM5164165F Datasheet (PDF)

Go To PDF Page Download Datasheet
HM5164165F Datasheet PDF - Elpida Memory

Part # HM5164165F
Download  HM5164165F Click to download

File Size   315.83 Kbytes
Page   36 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 64M EDO DRAM (4-Mword 횞 16-bit) 8k refresh/4k refresh

HM5164165F Datasheet (HTML) - Elpida Memory


HM5164165F Product details

Description

The HM5164165F Series, HM5165165F Series are 64M-bit dynamic RAMs organized as 4,194,304-word × 16-bit. They have realized high performance and low power by employing CMOS process technology. HM5164165F Series, HM5165165F Series offer Extended Data Out (EDO) Page Mode as a high speed access mode. They have the package variations of standard 50-pin plastic SOJ and standerd 50-pin plastic TSOPII



Features

• Single 3.3 V supply: 3.3 V ± 0.3 V

• Access time: 50 ns/60 ns (max)

• Power dissipation

 - Active: 432 mW/396 mW (max) (HM5164165F Series)

              : 504 mW/432 mW (max) (HM5165165F Series)

 - Standby : 1.8 mW (max) (CMOS interface)

                  : 1.1 mW (max) (L-version)

• EDO page mode capability

• Refresh cycles

 - RAS-only refresh

     8192 cycles /64 ms (HM5164165F, HM5164165FL)

     4096 cycles /64 ms (HM5165165F, HM5165165FL)

 - CBR/Hidden refresh

    4096 cycles /64 ms (HM5164165F, HM5164165FL, HM5165165F, HM5165165FL)

• 4 variations of refresh

   - RAS-only refresh

   - CAS-before-RAS refresh

   - Hidden refresh

   - Self refresh (L-version)

• 2CAS-byte control

• Battery backup operation (L-version)



 




Similar Part No. - HM5164165F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5164165F HITACHI-HM5164165F Datasheet
510Kb / 37P
64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
HM5164165FJ-5 HITACHI-HM5164165FJ-5 Datasheet
510Kb / 37P
64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
HM5164165FJ-6 HITACHI-HM5164165FJ-6 Datasheet
510Kb / 37P
64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
HM5164165FLJ-5 HITACHI-HM5164165FLJ-5 Datasheet
510Kb / 37P
64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
HM5164165FLJ-6 HITACHI-HM5164165FLJ-6 Datasheet
510Kb / 37P
64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
More results


Similar Description - HM5164165F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
HM5165165F HITACHI-HM5165165F Datasheet
510Kb / 37P
64M EDO DRAM (4-Mword x 16-bit) 8k refresh/4k refresh
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
HM5116405 HITACHI-HM5116405 Datasheet
316Kb / 35P
16M EDO DRAM (4-MWORD X 4-BIT) 4K REFRESH / 2K REFRESH
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
HM5112805FTD-5 ELPIDA-HM5112805FTD-5 Datasheet
270Kb / 31P
128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5112805FLTD-6 ELPIDA-HM5112805FLTD-6 Datasheet
214Kb / 32P
128M EDO DRAM (16-Mword 횞 8-bit) 8k refresh/4k refresh
HM5113165FTD-6 ELPIDA-HM5113165FTD-6 Datasheet
257Kb / 27P
128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
HM5113165LTD-6 ELPIDA-HM5113165LTD-6 Datasheet
272Kb / 31P
128M EDO DRAM (8-Mword 횞 16-bit) 4k refresh
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com