Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN1B01FU Datasheet (PDF) - Toshiba Semiconductor

HN1B01FU Datasheet PDF - Toshiba Semiconductor
Part # HN1B01FU
Download  HN1B01FU Download
File Size   268.64 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)

HN1B01FU Datasheet (PDF)

Go To PDF Page Download Datasheet
HN1B01FU Datasheet PDF - Toshiba Semiconductor

Part # HN1B01FU
Download  HN1B01FU Click to download

File Size   268.64 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)

HN1B01FU Datasheet (HTML) - Toshiba Semiconductor


HN1B01FU Product details

Audio Frequency General Purpose Amplifier Applications



Q1:

High voltage and high current

  : VCEO= −50V, IC = −150mA (max)

High hFE : hFE = 120~400

Excellent hFElinearity

  : hFE(IC= −0.1mA) / hFE(IC= −2mA) = 0.95 (typ.)



Q2:

High voltage and high current

  : VCEO= 50V, IC = 150mA (max)

High hFE : hFE = 120~400

Excellent hFElinearity

  : hFE(IC= 0.1mA) / hFE(IC= 2mA) = 0.95 (typ.)




Similar Part No. - HN1B01FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
HN1B01FU TOSHIBA-HN1B01FU Datasheet
362Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
HN1B01FU-GR TOSHIBA-HN1B01FU-GR Datasheet
374Kb / 6P
Audio-Frequency General-Purpose Amplifier Applications
HN1B01FU-Y TOSHIBA-HN1B01FU-Y Datasheet
374Kb / 6P
Audio-Frequency General-Purpose Amplifier Applications
HN1B01FU TOSHIBA-HN1B01FU_07 Datasheet
362Kb / 6P
Silicon NPN Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
More results


Similar Description - HN1B01FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4116 TOSHIBA-2SC4116 Datasheet
211Kb / 3P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4207 TOSHIBA-2SC4207 Datasheet
160Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738 TOSHIBA-2SC4738 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4738F TOSHIBA-2SC4738F Datasheet
149Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
2SC4944 TOSHIBA-2SC4944 Datasheet
158Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1B01F TOSHIBA-HN1B01F Datasheet
270Kb / 5P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1B04FU TOSHIBA-HN1B04FU Datasheet
270Kb / 5P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1C01F TOSHIBA-HN1C01F Datasheet
155Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN1C01FU TOSHIBA-HN1C01FU Datasheet
155Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
HN2C01FU TOSHIBA-HN2C01FU Datasheet
156Kb / 2P
NPN EPITAXIAL TYPE (AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com