Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSF3606 Datasheet (PDF) - Silikron Semiconductor Co.,LTD.

SSF3606 Datasheet PDF - Silikron Semiconductor Co.,LTD.
Part # SSF3606
Download  SSF3606 Download
File Size   414.18 Kbytes
Page   7 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description PWM applications

SSF3606 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF3606 Datasheet PDF - Silikron Semiconductor Co.,LTD.

Part # SSF3606
Download  SSF3606 Click to download

File Size   414.18 Kbytes
Page   7 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description PWM applications

SSF3606 Datasheet (HTML) - Silikron Semiconductor Co.,LTD.


SSF3606 Product details

DESCRIPTION
The SSF3606 uses advanced trench technology to provide excellent RDS(ON) and low gate charge .This device is suitable for use as a load switch or in PWM applications.

GENERAL FEATURES
● VDS = 30V,ID =15A
    RDS(ON) < 8.5mΩ @ VGS=4.5V
    RDS(ON) < 6mΩ @ VGS=10V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package

Application
● PWM applications
● Load switch
● Power management




Similar Part No. - SSF3606

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF3606 GOOD-ARK-SSF3606 Datasheet
726Kb / 6P
30V N-Channel MOSFET
SSF3606 GOOD-ARK-SSF3606_15 Datasheet
726Kb / 6P
30V N-Channel MOSFET
More results


Similar Description - SSF3606

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2301B SILIKRON-SSF2301B Datasheet
289Kb / 5P
PWM applications
SSF2301C SILIKRON-SSF2301C Datasheet
288Kb / 5P
PWM applications
SSF2307 SILIKRON-SSF2307 Datasheet
287Kb / 5P
PWM applications
SSF2369 SILIKRON-SSF2369 Datasheet
293Kb / 5P
PWM applications
SSF3610 SILIKRON-SSF3610 Datasheet
404Kb / 7P
PWM applications
SSF3612 SILIKRON-SSF3612 Datasheet
441Kb / 7P
PWM applications
SSF4414 SILIKRON-SSF4414 Datasheet
399Kb / 5P
PWM applications
SSF6401 SILIKRON-SSF6401 Datasheet
397Kb / 7P
PWM applications
SSF3324 SILIKRON-SSF3324 Datasheet
242Kb / 5P
PWM applications
SSF3420 SILIKRON-SSF3420 Datasheet
367Kb / 7P
PWM applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com