Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE2598L Datasheet (PDF) - SiGe Semiconductor, Inc.

SE2598L Datasheet PDF - SiGe Semiconductor, Inc.
Part # SE2598L
Download  SE2598L Download
File Size   77.12 Kbytes
Page   2 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 2.4 GHz Power Amplifier with Power Detector Preliminary Information

SE2598L Datasheet (PDF)

Go To PDF Page Download Datasheet
SE2598L Datasheet PDF - SiGe Semiconductor, Inc.

Part # SE2598L
Download  SE2598L Click to download

File Size   77.12 Kbytes
Page   2 Pages
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.
Description 2.4 GHz Power Amplifier with Power Detector Preliminary Information

SE2598L Datasheet (HTML) - SiGe Semiconductor, Inc.


SE2598L Product details

Product Description

The SE2598L is a 2.4 GHz power amplifier designed for use in the 2.4 GHz ISM band for wireless LAN applications. The device incorporates a power detector for closed loop monitoring of the output

power.



Features

ƒ Single 3.3 V Supply Operation

     19 dBm, EVM = 3 %, 802.11g, OFDM 54 Mbps

     23 dBm, ACPR < -32 dBc, 802.11b

ƒ 28 dB Gain

ƒ Integrated temperature compensated power detector

ƒ Integrated power amplifier enable pin (VEN)

ƒ Lead Free, Halogen Free and RoHS compliant

ƒ Small package: 16 pin 3 mm x 3 mm x 0.9 mm QFN



Applications

ƒ DSSS 2.4 GHz WLAN (IEEE802.11b)

ƒ OFDM 2.4 GHz WLAN (IEEE802.11g or IEEE802.11n)

ƒ Access Points, PCMCIA, PC cards




Similar Part No. - SE2598L

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE2598L SKYWORKS-SE2598L Datasheet
263Kb / 9P
SE2598L: 2.4 GHz Power Amplifier with Power Detector
May 12, 2014
SE2598L-AK1 SKYWORKS-SE2598L-AK1 Datasheet
263Kb / 9P
SE2598L: 2.4 GHz Power Amplifier with Power Detector
May 12, 2014
SE2598L-R SKYWORKS-SE2598L-R Datasheet
263Kb / 9P
SE2598L: 2.4 GHz Power Amplifier with Power Detector
May 12, 2014
More results


Similar Description - SE2598L

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2425U SIGE-SE2425U Datasheet
225Kb / 10P
RangeChargerTM 2.4 GHz Bluetooth Power Amplifier IC Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary
SE2528L SIGE-SE2528L Datasheet
59Kb / 2P
2.4 GHz Power Amplifier with Power Detector
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
5 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L-DS SKYWORKS-SE5023L-DS Datasheet
236Kb / 11P
5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com