Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS-100 Datasheet (PDF) - RSG Electronic Components GmbH

RS-100 Datasheet PDF - RSG Electronic Components GmbH
Part # RS-100
Download  RS-100 Download
File Size   161.9 Kbytes
Page   2 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 100W Single Output Switching Power Supply

RS-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
RS-100 Datasheet PDF - RSG Electronic Components GmbH

Part # RS-100
Download  RS-100 Click to download

File Size   161.9 Kbytes
Page   2 Pages
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH
Description 100W Single Output Switching Power Supply

RS-100 Datasheet (HTML) - RSG Electronic Components GmbH


RS-100 Product details

100W Single Output Switching Power Supply



Features :

Universal AC input / Full range

Protections:Short circuit/Over load/Over voltage

Cooling by free air convection

LED indicator for power on

100% full load burn-in test

All using 105℃ long life electrolytic capacitors

Withstand 300VAC surge input for 5 second

High operating temperature up to 70

Withstand 5G vibration test

High efficiency, long life and high reliability

3 years warranty




Similar Part No. - RS-100

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-100 ASTRODYNE-RS-100 Datasheet
465Kb / 2P
100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-100 MEANWELL-RS-100 Datasheet
387Kb / 2P
100W Single Output Switching Power Supply
RS-100 MEANWELL-RS-100 Datasheet
394Kb / 2P
100W Single Output Switching Power Supply
logo
FranMar International I...
RS-100 FRANMAR-RS-100 Datasheet
1Mb / 2P
Power Supply
2019-07-11
logo
Astrodyne Corporation
RS-100-12 ASTRODYNE-RS-100-12 Datasheet
465Kb / 2P
100W Single Output Switching Power Supply
More results


Similar Description - RS-100

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
PLN-100 MEANWELL-PLN-100 Datasheet
193Kb / 2P
100W Single Output Switching Power Supply
S-100 MEANWELL-S-100 Datasheet
410Kb / 2P
100W Single Output Switching Power Supply
logo
XP Power Limited
CLG-100-12 XPPOWER-CLG-100-12 Datasheet
198Kb / 2P
100W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
HLG-100 MEANWELL-HLG-100 Datasheet
317Kb / 6P
100W Single Output Switching Power Supply
HLG-100H MEANWELL-HLG-100H Datasheet
315Kb / 6P
100W Single Output Switching Power Supply
HLG-100_1107 MEANWELL-HLG-100_1107 Datasheet
323Kb / 6P
100W Single Output Switching Power Supply
S-100F MEANWELL-S-100F_10 Datasheet
395Kb / 2P
100W Single Output Switching Power Supply
NES-100 MEANWELL-NES-100_10 Datasheet
386Kb / 2P
100W Single Output Switching Power Supply
LPV-100_1107 MEANWELL-LPV-100_1107 Datasheet
1Mb / 2P
100W Single Output Switching Power Supply
PLC-100 MEANWELL-PLC-100_12 Datasheet
225Kb / 3P
100W Single Output Switching Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com