Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8600A Datasheet (PDF) - Maxim Integrated Products

MAX8600A Datasheet PDF - Maxim Integrated Products
Part # MAX8600A
Download  MAX8600A Download
File Size   177.3 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer

MAX8600A Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8600A Datasheet PDF - Maxim Integrated Products

Part # MAX8600A
Download  MAX8600A Click to download

File Size   177.3 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Input 1-Cell Li Charger with OVP Protection and Programmable Charge Timer

MAX8600A Datasheet (HTML) - Maxim Integrated Products


MAX8600A Product details

General Description
The MAX8600A single-input linear battery charger safely charges single-cell Li+ batteries. Charging is optimized for Li+ cells using a control algorithm that includes low-battery precharging, voltage and current limited fast-charging, and top-off charging, while continuously monitoring the battery for overvoltage, over/under temperature, and charging time. Charger timeout protection is programmable, and the status is indicated by three open-drain outputs.

Features
♦ Low Dropout -0.188V at 0.75A
♦ Up to 1A Programmable Fast-Charge
♦ 5% Charge-Current Accuracy
♦ Logic-Low Enable Input
♦ 14V Input Overvoltage Protection
♦ Programmable On-Chip Charge Timer
♦ Battery Thermistor Input
♦ Three Charger-Status Outputs
♦ Thermally Optimized Charge Rate
♦ 14-Pin, 3mm x 3mm TDFN Package

Applications
    Cell Phones
    Portable Media Players
    Digital Cameras
    MP3 Players
    PDAs
    Wireless Appliances
    GPS




Similar Part No. - MAX8600A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8600 MAXIM-MAX8600 Datasheet
175Kb / 12P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600 MAXIM-MAX8600 Datasheet
184Kb / 13P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 3; 12/08
MAX8600 MAXIM-MAX8600 Datasheet
522Kb / 6P
Programmable On-Chip Charge Timers
Rev 0; 8/05
MAX8600ETD MAXIM-MAX8600ETD Datasheet
175Kb / 12P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600ETD+ MAXIM-MAX8600ETD+ Datasheet
184Kb / 13P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 3; 12/08
More results


Similar Description - MAX8600A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874 Datasheet
405Kb / 16P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
Rev 0; 7/03
MAX8600 MAXIM-MAX8600 Datasheet
175Kb / 12P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 1; 3/05
MAX8600 MAXIM-MAX8600_08 Datasheet
184Kb / 13P
Single-/Dual-Input 1-Cell Li Chargers with OVP Protection and Programmable Charge Timer
Rev 3; 12/08
logo
Lowpower Semiconductor ...
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
1A Single-chip Li-ion and Li-POL Charge with OVP
LP28292 POWER-LP28292 Datasheet
363Kb / 10P
1.5A Single-chip Li-ion and Li-POL Charge with OVP
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
logo
Semtech Corporation
SC824 SEMTECH-SC824 Datasheet
696Kb / 29P
Single-cell Li-Ion Charger Tri-Mode with Timer and NTC
logo
Anpec Electronics Corop...
APL3200 ANPEC-APL3200 Datasheet
385Kb / 24P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
logo
Lowpower Semiconductor ...
LP28021 POWER-LP28021 Datasheet
822Kb / 11P
1.0A Single-chip Li-ion and Li-POL Charger with OVP Protection
logo
Maxim Integrated Produc...
MAX1874 MAXIM-MAX1874_V01 Datasheet
906Kb / 17P
Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com