Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6001 Datasheet (PDF) - Littelfuse

SP6001 Datasheet PDF - Littelfuse
Part # SP6001
Download  SP6001 Download
File Size   1091.05 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 12pF EMI Filter Array with ESD Protection

SP6001 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6001 Datasheet PDF - Littelfuse

Part # SP6001
Download  SP6001 Click to download

File Size   1091.05 Kbytes
Page   7 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 12pF EMI Filter Array with ESD Protection

SP6001 Datasheet (HTML) - Littelfuse


SP6001 Product details

Description

The Littelfuse SP6001 SPA series integrates 4, 6 and 8 EMI filters (C-R-C) into a small, low-profile UDFN package with each filter providing greater than -30dB attenuation at 1GHz. Additionally, each I/O is capable of shunting ±30kV ESD strikes (IEC61000-4-2, contact discharge) away from sensitive electronic components. The performance of this small, slim design makes it extremely suitable for mobile handsets, PDAs and notebook computers.



Features

• EMI filtering of frequencies from 800MHz to 3GHz

• Greater than -30dB attenuation (TYP) at 1GHz

• ESD, IEC61000-4-2, ±30kV contact, ±30kV air

• Small, low-profile UDFN package (TYP 0.5mm height)



Applications

• Keypad interface for portable electronics

• LCD and camera display interfaces for handsets

• Connector interfaces for portable electronics

• Mobile phone

• Smartphone

• Portable navigation device



 




Similar Part No. - SP6001

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
SP6001 ANALOGIX-SP6001 Datasheet
383Kb / 2P
SlimPort®-4K HDMI™ Adapter
March 2016
SP6001 ANALOGIX-SP6001 Datasheet
251Kb / 2P
SlimPort® USB-C™ to HDMI® Adapter
March 2017
SP6001 ANALOGIX-SP6001 Datasheet
404Kb / 2P
SlimPort® NANO●CONSOLE™
March 2016
logo
Littelfuse
SP6001-04UTG-1 LITTELFUSE-SP6001-04UTG-1 Datasheet
477Kb / 8P
SP6001 Lead-Free/Green Series
SP6001-06UTG-1 LITTELFUSE-SP6001-06UTG-1 Datasheet
477Kb / 8P
SP6001 Lead-Free/Green Series
More results


Similar Description - SP6001

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1405 CALMIRCO-CM1405 Datasheet
957Kb / 11P
LCD EMI Filter Array with ESD Protection
CM1420 CALMIRCO-CM1420 Datasheet
638Kb / 12P
LCD EMI Filter Array with ESD Protection
CSPEMI606 CALMIRCO-CSPEMI606 Datasheet
1Mb / 12P
LCD EMI Filter Array with ESD Protection
CM1424 CALMIRCO-CM1424 Datasheet
658Kb / 8P
MultiMedia Card EMI Filter Array with ESD Protection
CSPEMI400 CALMIRCO-CSPEMI400 Datasheet
477Kb / 8P
SIM Card EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1405 ONSEMI-CM1405 Datasheet
744Kb / 14P
LCD EMI Filter Array with ESD Protection
April 2010 Rev.2
CM1420-22 ONSEMI-CM1420-22 Datasheet
558Kb / 15P
LCD EMI Filter Array with ESD Protection
April 2010 Rev. 3
logo
Littelfuse
SP6001 LITTELFUSE-SP6001_11 Datasheet
288Kb / 4P
Silicon Protection Array (SPA?? Products 12pF EMI Filter Array with ESD Protection
logo
Pan Jit International I...
PJ4254FN8C PANJIT-PJ4254FN8C Datasheet
220Kb / 4P
EMI FILTER ARRAY WITH ESD PROTECTION
logo
ON Semiconductor
CM1420 ONSEMI-CM1420 Datasheet
1Mb / 12P
LCD EMI Filter Array with ESD Protection
March, 2011 ??Rev. 4
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com