Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP1003 Datasheet (PDF) - Littelfuse

SP1003 Datasheet PDF - Littelfuse
Part # SP1003
Download  SP1003 Download
File Size   232.91 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ESD/Surge Protection Devices

SP1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP1003 Datasheet PDF - Littelfuse

Part # SP1003
Download  SP1003 Click to download

File Size   232.91 Kbytes
Page   6 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description ESD/Surge Protection Devices

SP1003 Datasheet (HTML) - Littelfuse


SP1003 Product details

Description
The SP1003 diodes are fabricated in a proprietary silicon avalanche technology. These diodes provide a high ESD (electrostatic discharge) protection level for electronic equipment. The SP1003 TVS can safely absorb repetitive ESD strikes at ±30kV (contact discharge, IEC 61000-4-2) without performance degradation. Additionally, each diode can safely dissipate 7A of 8/20µs surge current (IEC 61000-4-5) with very low clamping voltages.

Features
• ESD, IEC 61000-4-2, ±30kV contact, ±30kV air
• EFT, IEC 61000-4-4, 40A (5/50ns)
• Lightning, 7A (8/20 as defined in IEC 61000-4-5 2nd edition)
• Low leakage current of 100nA (MAX) at 5V
• Tiny SOD723/ SOD882 (JEDEC MO-236) package saves board space
• Fits solder footprint of industry standard 0402 (1005) components
• AEC-Q101 qualified (SOD882 package)

Applications
• Mobile phones
• Smart phones
• PDAs
• Portable navigation components
• Digital cameras
• Portable medical components




Similar Part No. - SP1003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP1003 LITTELFUSE-SP1003 Datasheet
243Kb / 4P
SP1003 Series - 30pF 30kV Unidirectional Discrete TVS
SP1003 LITTELFUSE-SP1003 Datasheet
1,009Kb / 5P
30pF 30kV Unidirectional Discrete TVS
SP1003-01DTG LITTELFUSE-SP1003-01DTG Datasheet
104Kb / 1P
Silicon Protection Arrays
SP1003-01DTG LITTELFUSE-SP1003-01DTG Datasheet
1,009Kb / 5P
30pF 30kV Unidirectional Discrete TVS
logo
TECH PUBLIC Electronics...
SP1003-01DTG TECHPUBLIC-SP1003-01DTG Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
More results


Similar Description - SP1003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0402-140 MACOM-PESD0402-140 Datasheet
275Kb / 6P
ESD Protection Devices
logo
Littelfuse
SP1003 LITTELFUSE-SP1003_10 Datasheet
408Kb / 6P
SPA??Silicon Protection Array Products ESD/Surge Protection Devices
logo
Surge Components
ESDPSA0402V05 SURGE-ESDPSA0402V05 Datasheet
210Kb / 5P
ESD Protection Devices
ESDPSA0603V24 SURGE-ESDPSA0603V24 Datasheet
208Kb / 5P
ESD Protection Devices
logo
Nanjing International G...
ESDPSA0603V12-3.0 DGNJDZ-ESDPSA0603V12-3.0 Datasheet
227Kb / 5P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV12 LEIDITECH-PESD0603AV12 Datasheet
496Kb / 6P
ESD Protection Devices
logo
E-CMOS Corporation
ECSD0402V12 E-CMOS-ECSD0402V12 Datasheet
157Kb / 4P
ESD Protection Devices
logo
Shanghai Leiditech Elec...
PESD0603AV24 LEIDITECH-PESD0603AV24 Datasheet
553Kb / 6P
ESD Protection Devices
logo
Littelfuse
SPD2-480-3P0-R LITTELFUSE-SPD2-480-3P0-R Datasheet
169Kb / 2P
Surge Protection Devices
Rev: 1-A-061719
logo
Nanjing International G...
ESD0402V05 DGNJDZ-ESD0402V05 Datasheet
1Mb / 5P
ESD Protection Devices
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com