Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEV3 Datasheet (PDF) - Murata Power Solutions Inc.

MEV3 Datasheet PDF - Murata Power Solutions Inc.
Part # MEV3
Download  MEV3 Download
File Size   129.27 Kbytes
Page   5 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 3kVDC Isolated 3W Single Output DC/DC Converters

MEV3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MEV3 Datasheet PDF - Murata Power Solutions Inc.

Part # MEV3
Download  MEV3 Click to download

File Size   129.27 Kbytes
Page   5 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 3kVDC Isolated 3W Single Output DC/DC Converters

MEV3 Datasheet (HTML) - Murata Power Solutions Inc.


MEV3 Product details

PRODUCT OVERVIEW
The MEV3 series is a new range of high performance 3W DC/DC converters, offering 3W of available output power in a previously rated 2W package capable of operation over the full industrial temperature range of -40ºC to 85ºC. Available in an industry standard SIP package, with a pin compatible power upgrade path from the 1W NMV/MEV and 2W NMK series’, they are ideally suited for providing local supplies on control system boards with the added benefit of 3kVDC galvanic isolation.

FEATURES
■ UL 60950 recognised
■ Typical efficiency from 83%
■ Wide temperature performance at full
   3 Watt load, –40°C to 85°C
■ Industry standard pinout
■ 3kVDC isolation (1 minute) ‘Hi Pot Test’
■ 5V & 12V input
■ 5V, 9V, 12V, & 15V output
■ No external components required
■ No electrolytic or tantalum capacitors
■ Pin compatible with MEV1, NMK & NMV series




Similar Part No. - MEV3

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MEV3 MURATA-PS-MEV3 Datasheet
247Kb / 10P
3kVDC Isolated 3W Single Output DC-DC Converters
2020
MEV3S0505SC MURATA-PS-MEV3S0505SC Datasheet
247Kb / 10P
3kVDC Isolated 3W Single Output DC-DC Converters
2020
MEV3S0509SC MURATA-PS-MEV3S0509SC Datasheet
247Kb / 10P
3kVDC Isolated 3W Single Output DC-DC Converters
2020
MEV3S0512SC MURATA-PS-MEV3S0512SC Datasheet
247Kb / 10P
3kVDC Isolated 3W Single Output DC-DC Converters
2020
MEV3S0515SC MURATA-PS-MEV3S0515SC Datasheet
247Kb / 10P
3kVDC Isolated 3W Single Output DC-DC Converters
2020
More results


Similar Description - MEV3

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_MEV MURATA-KDC_MEV Datasheet
140Kb / 4P
3kVDC Isolated 1W Single Output DC/DC Converters
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
logo
Microdc power Technolog...
3B-XES MICRODC-3B-XES Datasheet
331Kb / 2P
Isolated 3W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
2W 3KVDC Isolated Single Output DC/DC Converters
TPG-3W TOPPOWER-TPG-3W Datasheet
645Kb / 3P
3W 3KVDC Isolated Single Output DC/DC Converters
TPK-3W TOPPOWER-TPK-3W Datasheet
640Kb / 3P
3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5 Datasheet
620Kb / 3P
0.5W 3KVDC Isolated Single Output DC/DC Converters
TPK-3WS TOPPOWER-TPK-3WS Datasheet
402Kb / 3P
3W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPR-W5 TOPPOWER-TPR-W5_19 Datasheet
699Kb / 3P
0.5W 3KVDC Isolated Single Output DC/DC Converters
TPH-3W TOPPOWER-TPH-3W Datasheet
834Kb / 4P
3W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com