Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-APH633 Datasheet (PDF) - Hittite Microwave Corporation

HMC-APH633 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-APH633
Download  HMC-APH633 Download
File Size   189.3 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz

HMC-APH633 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-APH633 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-APH633
Download  HMC-APH633 Click to download

File Size   189.3 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz

HMC-APH633 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC-APH633

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results


Similar Description - HMC-APH633

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-AUH318 HITTITE-HMC-AUH318 Datasheet
207Kb / 6P
GaAs HEMT MMIC MEDIUM POWER GaAs HEMT MMIC MEDIUM POWER
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
HMC-AUH318 HITTITE-HMC-AUH318_11 Datasheet
478Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
logo
Integrated Device Techn...
EXP7602 IDT-EXP7602 Datasheet
674Kb / 2P
71 GHz ??76 GHz Medium Power Amplifier
logo
Analog Devices
HMC-AUH318 AD-HMC-AUH318 Datasheet
296Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-AUH320 AD-HMC-AUH320 Datasheet
354Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-ABH241 AD-HMC-ABH241 Datasheet
295Kb / 6P
Gaas HEMT MMIC MEDIUM POWER amplifier
HMC-APH196 AD-HMC-APH196 Datasheet
225Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH596 AD-HMC-APH596 Datasheet
225Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
HMC-APH633 AD-HMC-APH633 Datasheet
216Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com