Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GM7109 Datasheet (PDF) - Gamma Microelectronics Inc.

GM7109 Datasheet PDF - Gamma Microelectronics Inc.
Part # GM7109
Download  GM7109 Download
File Size   153.74 Kbytes
Page   9 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS

GM7109 Datasheet (PDF)

Go To PDF Page Download Datasheet
GM7109 Datasheet PDF - Gamma Microelectronics Inc.

Part # GM7109
Download  GM7109 Click to download

File Size   153.74 Kbytes
Page   9 Pages
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.
Description 150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS

GM7109 Datasheet (HTML) - Gamma Microelectronics Inc.


GM7109 Product details

Description

GM7109 series is designed to provide all the active function for a step-down (buck) switching regulator, and drives a maximum load current as high as 2A line and load regulations. GM7109 is available in fixed output voltages of 3.3V, 5V, and a versatile Adjustable output version.



Features

Standard SOP8 & PSOP8 package

3.3V, 5V, and Adjustable output versions

Adjustable version output voltage range 1.23V to 37V

VOUT accuracy is to ±2% under specified input voltage the output load conditions

Input voltage range up to 40V

Requires only 4 external components with High efficiency

TTL shutdown capability, low power standby mode

Built-in thermal shutdown, current limit protection

Uses standard inductors

‹ 150 kHz fixed frequency internal oscillator




Similar Part No. - GM7109

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7109HV GAMMA-GM7109HV Datasheet
510Kb / 9P
Standard ESOP8 package is available
More results


Similar Description - GM7109

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM2576 GAMMA-GM2576 Datasheet
154Kb / 9P
2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com