Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LPRS525 Datasheet (PDF) - Integrated Device Technology

9LPRS525 Datasheet PDF - Integrated Device Technology
Part # 9LPRS525
Download  9LPRS525 Download
File Size   239.72 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 56-pin CK505 for Intel Systems

9LPRS525 Datasheet (PDF)

Go To PDF Page Download Datasheet
9LPRS525 Datasheet PDF - Integrated Device Technology

Part # 9LPRS525
Download  9LPRS525 Click to download

File Size   239.72 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 56-pin CK505 for Intel Systems

9LPRS525 Datasheet (HTML) - Integrated Device Technology


9LPRS525 Product details

General Description
ICS9LPRS525 is compliant Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip solution for Intel desktop chipsets. ICS9LPRS525 is driven with a 14.318MHz crystal. It also provides a tight ppm accuracy output for Serial ATA and PCI-Express support.

Features/Benefits:
• Supports spread spectrum modulation, 0 to -0.5% down spread
• Supports CPU clks up to 400MHz
• Uses external 14.318MHz crystal, external crystal load
   caps are required for frequency tuning

Output Features:
• 2 - CPU differential low power push-pull pairs
• 7 - SRC differential push-pull pairs
• 1 - CPU/SRC selectable differential low power push-pull pair
• 1 - SRC/DOT selectable differential low power push-pull pair
• 1 - SRC/SE selectable differential push-pull pair/Single-ended outputs
• 5 - PCI, 33MHz
• 1 - USB, 48MHz
• 1 - REF, 14.318MHz

Recommended Application:
   56-pin CK505 compatible clock, w/fully integrated Vreg and series
   resistors on differential outputs




Similar Part No. - 9LPRS525

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LPRS525 RENESAS-9LPRS525 Datasheet
328Kb / 21P
56-pin CK505 for Intel Systems
2019
logo
Integrated Device Techn...
9LPRS525AFLFT IDT-9LPRS525AFLFT Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Renesas Technology Corp
9LPRS525AGLF RENESAS-9LPRS525AGLF Datasheet
328Kb / 21P
56-pin CK505 for Intel Systems
2019
logo
Integrated Device Techn...
9LPRS525AGLFT IDT-9LPRS525AGLFT Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Renesas Technology Corp
9LPRS525AGLFT RENESAS-9LPRS525AGLFT Datasheet
328Kb / 21P
56-pin CK505 for Intel Systems
2019
More results


Similar Description - 9LPRS525

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LP525-2 IDT-ICS9LP525-2 Datasheet
232Kb / 21P
56-pin CK505 for Intel Desktop Systems
ICS9LPRS525 IDT-ICS9LPRS525_11 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9EPRS525 IDT-ICS9EPRS525 Datasheet
215Kb / 20P
56-pin CK505 for Embedded Intel Systems
logo
Renesas Technology Corp
ICS9EPRS525 RENESAS-ICS9EPRS525 Datasheet
351Kb / 21P
56-pin CK505 for Embedded Intel Systems
2019
ICS9LP525-2 RENESAS-ICS9LP525-2 Datasheet
369Kb / 22P
56-pin CK505 for Intel Desktop Systems
2019
ICS9LPRS525 RENESAS-ICS9LPRS525 Datasheet
328Kb / 21P
56-pin CK505 for Intel Systems
2019
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com