Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9LPRS535BGLFT Datasheet (PDF) - Integrated Device Technology

9LPRS535BGLFT Datasheet PDF - Integrated Device Technology
Part # 9LPRS535BGLFT
Download  9LPRS535BGLFT Download
File Size   225.43 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 48-pin CK505 for Intel Systems

9LPRS535BGLFT Datasheet (PDF)

Go To PDF Page Download Datasheet
9LPRS535BGLFT Datasheet PDF - Integrated Device Technology

Part # 9LPRS535BGLFT
Download  9LPRS535BGLFT Click to download

File Size   225.43 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 48-pin CK505 for Intel Systems

9LPRS535BGLFT Datasheet (HTML) - Integrated Device Technology


9LPRS535BGLFT Product details

General Description

ICS9LPRS535 is compliant to the Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip solution for Intel desktop chipsets. ICS9LPRS535 is driven with a 14.318MHz crystal. It also provides a tight ppm accuracy output for Serial ATA and PCI-Express support.



Features/Benefits:

• Supports spread spectrum modulation, default is 0.5% down spread

• Uses external 14.318MHz crystal, external crystal load caps are required for frequency tuning



Output Features:

• Integrated Series Resistors on differential outputs

• 2 - CPU differential push-pull pairs

• 4 - SRC differential push-pull pairs

• 1 - CPU/SRC selectable differential push-pull pair

• 1 - SRC/DOT selectable differential push-pull pair

• 1- SRC/Stop_Inputs selectable differential push-pull pair

• 1 - 25MHz SE1 output for Wake-on-Lan applications

• 3 - PCI, 33MHz

• 1 - USB, 48MHz

• 1 - REF, 14.31818MHz



Recommended Application:

48-pin Low Cost CK505 w/fully integrated VREG and series resistors on differential outputs




Similar Part No. - 9LPRS535BGLFT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LPRS535BGLFT RENESAS-9LPRS535BGLFT Datasheet
430Kb / 18P
48-pin CK505 for Intel Systems
2019
More results


Similar Description - 9LPRS535BGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPRS525 IDT-ICS9LPRS525 Datasheet
239Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS525 IDT-ICS9LPRS525_10 Datasheet
237Kb / 21P
56-pin CK505 for Intel Systems
logo
Integrated Circuit Solu...
ICS9LPRS545 ICSI-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
logo
Integrated Device Techn...
ICS9LPRS525_1107 IDT-ICS9LPRS525_1107 Datasheet
206Kb / 21P
56-pin CK505 for Intel Systems
ICS9LPRS535 IDT-ICS9LPRS535_10 Datasheet
222Kb / 17P
48-pin CK505 for Intel Systems
ICS9LPRS545 IDT-ICS9LPRS545 Datasheet
221Kb / 17P
48-pin CK505 for Intel Systems
ICS9LRS4103 IDT-ICS9LRS4103 Datasheet
160Kb / 15P
32-pin CK505 for Intel Systems
logo
Renesas Technology Corp
ICS9LPRS535 RENESAS-ICS9LPRS535 Datasheet
430Kb / 18P
48-pin CK505 for Intel Systems
2019
ICS9LRS4103 RENESAS-ICS9LRS4103 Datasheet
193Kb / 15P
32-pin CK505 for Intel Systems
01/06/11
ICS9LRS4903 RENESAS-ICS9LRS4903 Datasheet
235Kb / 16P
32-pin CK505 for Intel Systems
2019
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com