Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA7368F Datasheet (PDF) - Toshiba Semiconductor

TA7368F Datasheet PDF - Toshiba Semiconductor
Part # TA7368F
Download  TA7368F Download
File Size   386.83 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AUDIO POWER AMPLIFIER

TA7368F Datasheet (PDF)

Go To PDF Page Download Datasheet
TA7368F Datasheet PDF - Toshiba Semiconductor

Part # TA7368F
Download  TA7368F Click to download

File Size   386.83 Kbytes
Page   10 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description AUDIO POWER AMPLIFIER

TA7368F Datasheet (HTML) - Toshiba Semiconductor


TA7368F Product details

The TA7368P and TA7368F are suitable for the audio power amplifier of portable cassette tape recorder and radio.



Features

•  Very few external parts (only three capacitors)

•  Low quiescent current: ICCQ= 6.6mA (typ.) (VCC= 6V)

•  Output power

   TA7368P

    : Pout= 720mW (typ.) (VCC= 6V, RL = 4Ω, THD = 10%)

   TA7368P/F

    : Pout= 450mW (typ.) (VCC= 6V, RL = 8Ω, THD = 10%)

•  Voltage gain: GV= 40dB (typ.)

•  Operating supply voltage range: VCC= 2~10V (Ta = 25°C)




Similar Part No. - TA7368F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7368F TOSHIBA-TA7368F Datasheet
381Kb / 10P
AUDIO POWER AMPLIFIER
TA7368F TOSHIBA-TA7368F Datasheet
378Kb / 11P
Audio Power Amplifier
2002-10-30
TA7368FG TOSHIBA-TA7368FG Datasheet
361Kb / 12P
Audio Power Amplifier
More results


Similar Description - TA7368F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7376P TOSHIBA-TA7376P Datasheet
303Kb / 7P
AUDIO POWER AMPLIFIER
logo
Fairchild Semiconductor
KSA1943 FAIRCHILD-KSA1943 Datasheet
65Kb / 4P
Audio Power Amplifier
logo
Toshiba Semiconductor
TA7368 TOSHIBA-TA7368 Datasheet
381Kb / 10P
AUDIO POWER AMPLIFIER
logo
NEC
UPC1213C NEC-UPC1213C Datasheet
547Kb / 11P
AUDIO POWER AMPLIFIER
logo
Mitsumi Electronics, Co...
MM3111 MITSUMI-MM3111 Datasheet
39Kb / 3P
Audio Power Amplifier
logo
Fairchild Semiconductor
FJP5200 FAIRCHILD-FJP5200 Datasheet
565Kb / 5P
Audio Power Amplifier
logo
SG Micro Corp
SGM4995 SGMICRO-SGM4995 Datasheet
312Kb / 11P
Audio Power Amplifier
logo
List of Unclassifed Man...
XPT9305 ETC2-XPT9305 Datasheet
210Kb / 7P
Audio Power Amplifier
logo
SHENZHEN FUMAN ELECTRON...
TC6019 FUMAN-TC6019 Datasheet
1Mb / 20P
Audio power amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com