Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5365QI Datasheet (PDF) - Enpirion, Inc.

EN5365QI Datasheet PDF - Enpirion, Inc.
Part # EN5365QI
Download  EN5365QI Download
File Size   831.83 Kbytes
Page   17 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select

EN5365QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN5365QI Datasheet PDF - Enpirion, Inc.

Part # EN5365QI
Download  EN5365QI Click to download

File Size   831.83 Kbytes
Page   17 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select

EN5365QI Datasheet (HTML) - Enpirion, Inc.




Similar Part No. - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5365QI ALTERA-EN5365QI Datasheet
1,009Kb / 18P
3-Pin VID Output Voltage Select
More results


Similar Description - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN5395QI ENPIRION-EN5395QI Datasheet
551Kb / 18P
9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
More results




About Enpirion, Inc.


Enpirion, Inc. was a fabless semiconductor company that specialized in high-efficiency power management solutions. The company was founded in 2001 and was headquartered in Hampton, New Jersey, USA. Enpirion developed and manufactured integrated power systems that integrated power MOSFETs, inductors, and other passive components into a single IC, providing highly efficient power solutions for a range of applications, including telecommunications, networking, data storage, and computing.

In 2014, Enpirion was acquired by Altera Corporation, which is now a subsidiary of Intel Corporation. After the acquisition, Enpirion's technology became part of Altera's power solutions portfolio, which focused on developing highly efficient power management solutions for Altera's field-programmable gate arrays (FPGAs) and system-on-chip (SoC) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com