Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN5394QI Datasheet (PDF) - Enpirion, Inc.

EN5394QI Datasheet PDF - Enpirion, Inc.
Part # EN5394QI
Download  EN5394QI Download
File Size   430.7 Kbytes
Page   19 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor

EN5394QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN5394QI Datasheet PDF - Enpirion, Inc.

Part # EN5394QI
Download  EN5394QI Click to download

File Size   430.7 Kbytes
Page   19 Pages
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.
Description Feature Rich 9A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor

EN5394QI Datasheet (HTML) - Enpirion, Inc.


EN5394QI Product details

Description
The EN5394QI is a Power Supply on a Chip (PwrSoC) DC to DC converter with integrated inductor, PWM controller, MOSFETS, and compensation providing the smallest possible solution size in a 68 pin QFN module. The switching frequency can be synchronized to an external clock or other EN5394QIs with the added capability of phasing multiple EN5394QIs as desired. Other features include precision ENABLE threshold, pre-bias monotonic start-up, margining, and parallel operation.
EN5394QI is specifically designed to meet the precise voltage and fast transient requirements of present and future high-performance applications such as set-top boxes/HD DVRs, LAN/SAN adapter cards, audio/video equipment, optical networking, multi-function printers, test and measurement, embedded computing, storage, and servers. Advanced circuit techniques, ultra high switching frequency, and very advanced, high-density, integrated circuit and proprietary inductor technology deliver high quality, ultra compact, non-isolated DC-DC conversion. Operating this converter requires very few external components.
The Enpirion integrated inductor solution significantly helps to reduce noise. The complete power converter solution enhances productivity by offering greatly simplified board design, layout and manufacturing requirements.
All Enpirion products are RoHS compliant and lead-free manufacturing environment compatible.

Features
• Integrated Inductor, MOSFETS, Controller in
   a 8 x 11 x 1.85mm package
• Wide input voltage range of 2.375V to 6.6V.
• > 30W continuous output power.
• High efficiency, up to 93%.
• Output voltage margining
• Monotonic output voltage ramp during start
   up with pre-biased loads.
• Precision Enable pin for accurate sequencing
   of power converters and Power OK signal.
• Programmable soft-start time.
• Soft Shutdown.
• 4 MHz operating frequency with ability to
   synchronize to an external system clock or
   other EN5394’s.
• Programmable phase delays between
   synchronized units to allow reduction of
   input ripple.
• Master/slave configuration for paralleling
   multiple EN5394’s for greater power output.
• Under Voltage Lockout, Over-current, Short
   Circuit, and Thermal Protection
• RoHS compliant, MSL level 3, 260C reflow.

Applications
• Point of load regulation for low-power
   processors, network processors, DSPs,
   FPGAs, and ASICs
• Low voltage, distributed power architectures
   with 2.5V, 3.3V or 5V, 6V rails
• Computing, broadband, networking,
   LAN/WAN, optical, test & measurement
• A/V, high density cards, storage, DSL, STB,
   DVR, DTV, Industrial PC
• Beat frequency sensitive applications
• Applications requiring monotonic start-up with
   pre-bias
• Ripple voltage sensitive applications
• Noise sensitive applications




Similar Part No. - EN5394QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results


Similar Description - EN5394QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5337QI ENPIRION-EN5337QI Datasheet
276Kb / 12P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5396QI ENPIRION-EN5396QI Datasheet
553Kb / 19P
9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
More results




About Enpirion, Inc.


Enpirion, Inc. was a fabless semiconductor company that specialized in high-efficiency power management solutions. The company was founded in 2001 and was headquartered in Hampton, New Jersey, USA. Enpirion developed and manufactured integrated power systems that integrated power MOSFETs, inductors, and other passive components into a single IC, providing highly efficient power solutions for a range of applications, including telecommunications, networking, data storage, and computing.

In 2014, Enpirion was acquired by Altera Corporation, which is now a subsidiary of Intel Corporation. After the acquisition, Enpirion's technology became part of Altera's power solutions portfolio, which focused on developing highly efficient power management solutions for Altera's field-programmable gate arrays (FPGAs) and system-on-chip (SoC) products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com