Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM3U4EA-AU Datasheet (PDF) - ATMEL Corporation

ATSAM3U4EA-AU Datasheet PDF - ATMEL Corporation
Part # ATSAM3U4EA-AU
Download  ATSAM3U4EA-AU Download
File Size   1608.45 Kbytes
Page   61 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91ARM M3 Cortex-based Processor

ATSAM3U4EA-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATSAM3U4EA-AU Datasheet PDF - ATMEL Corporation

Part # ATSAM3U4EA-AU
Download  ATSAM3U4EA-AU Click to download

File Size   1608.45 Kbytes
Page   61 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description AT91ARM M3 Cortex-based Processor

ATSAM3U4EA-AU Datasheet (HTML) - ATMEL Corporation


ATSAM3U4EA-AU Product details

ATSAM3U4/2/1 Description
Atmels SAM3U series is a member of a family of Flash microcontrollers based on the high performance 32-bit ARM Cortex-M3 RISC processor. It operates at a maximum speed of 96 MHz and features up to 256 Kbytes of Flash and up to 52 Kbytes of SRAM. The peripheral set includes a High Speed USB Device port with embedded transceiver, a High Speed MCI for SDIO/SD/MMC, an External Bus Interface with NAND Flash controller, up to 4xUSARTs (SAM3U1C/2C/4C have 3), up to 2xTWIs (SAM3U1C/2C/4C have 1), up to 5xSPIs SAM3U1C/2C/4C have 4), as well as 4xPWM timers, 3xgeneral purpose 16-bit timers, an RTC, a 12-bit ADC and a 10-bit ADC.

Features
• Core
    – ARM® Cortex®-M3 revision 2.0 running at up to 96 MHz
    – Memory Protection Unit (MPU)
    – Thumb®-2 instruction set
• Memories
    – From 64 to 256 Kbytes embedded Flash, 128-bit wide access, memory accelerator, dual bank
    – From 16 to 48 Kbytes embedded SRAM with dual banks
    – 16 Kbytes ROM with embedded bootloader routines (UART, USB) and IAP routines
    – Static Memory Controller (SMC): SRAM, NOR, NAND support. NAND Flash controller with 4 Kbytes RAM buffer and ECC
• System
    – Embedded voltage regulator for single supply operation
    – POR, BOD and Watchdog for safe reset
    – Quartz or resonator oscillators: 3 to 20 MHz main and optional low power 32.768 kHz for RTC or device clock.
    – High precision 8/12 MHz factory trimmed internal RC oscillator with 4 MHz Default Frequency for fast device startup
    – Slow Clock Internal RC oscillator as permanent clock for device clock in low power mode
    – One PLL for device clock and one dedicated PLL for USB 2.0 High Speed Device
    – Up to 17 peripheral DMA (PDC) channels and 4-channel central DMA
• Low Power Modes
    – Sleep and Backup modes, down to 2.5 µA in Backup mode
    – Backup domain: VDDBU pin, RTC, 32 backup registers
    – Ultra low power RTC: 0.6 µA
• Peripherals
    – USB 2.0 Device: 480 Mbps, 4-kbyte FIFO, up to 7 bidirectional Endpoints, dedicated DMA
    – Up to 4 USARTs (ISO7816, IrDA®, Flow Control, SPI, Manchester support) and one UART
    – Up to 2 TWI (I2C compatible), 1 SPI, 1 SSC (I2S), 1 HSMCI (SDIO/SD/MMC)
    – 3-Channel 16-bit Timer/Counter (TC) for capture, compare and PWM
    – 4-channel 16-bit PWM (PWMC)
    – 32-bit Real Time Timer (RTT) and RTC with calendar and alarm features
    – 8-channel 12-bit 1MSPS ADC with differential input mode and programmable gain stage, 8-channel 10-bit ADC
• I/O
    – Up to 96 I/O lines with external interrupt capability (edge or level sensitivity), debouncing, glitch filtering and on-die Series Resistor Termination
    – Three 32-bit Parallel Input/Outputs (PIO)
• Packages
    – 100-lead LQFP, 14 x 14 mm, pitch 0.5 mm
    – 100-ball TFBGA, 9 x 9 mm, pitch 0.8 mm
    – 144-lead LQFP, 20 x 20 mm, pitch 0.5 mm
    – 144-ball LFBGA, 10 x 10 mm, pitch 0.8 mm




Similar Part No. - ATSAM3U4EA-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM3U4EA-AU ATMEL-ATSAM3U4EA-AU Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
More results


Similar Description - ATSAM3U4EA-AU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LPC1766 ETC2-LPC1766 Datasheet
1Mb / 70P
32-bit ARM Cortex-M3 microcontroller;
logo
NXP Semiconductors
LPC176X NXP-LPC176X Datasheet
144Kb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
logo
ATMEL Corporation
ATSAM3U ATMEL-ATSAM3U_10 Datasheet
1Mb / 62P
AT91ARM Cortex M3-based Microcontrollers
ATSAM3S ATMEL-ATSAM3S Datasheet
1Mb / 65P
AT91 ARM Cortex M3-based Processor
logo
NXP Semiconductors
LPC1700 NXP-LPC1700 Datasheet
1Mb / 2P
Cortex-M3 based microcontrollers with Ethernet, USB, CAN and 12-bit ADC
December 2009
UM10430 PHILIPS-UM10430 Datasheet
7Mb / 1164P
LPC18xx ARM Cortex-M3 microcontroller
Rev. 00.13-20 July 2011
logo
STMicroelectronics
STM32L152CBT6 STMICROELECTRONICS-STM32L152CBT6 Datasheet
2Mb / 121P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3
07-Feb-2013
STM32L151ZDT6 STMICROELECTRONICS-STM32L151ZDT6 Datasheet
1Mb / 140P
Ultra-low-power 32-bit MCU ARM-based Cortex-M3, 384KB Flash
01-Feb-2013
logo
Silicon Laboratories
EFM32G840F128 SILABS-EFM32G840F128 Datasheet
1Mb / 71P
ARM Cortex-M3 CPU platform
EFM32JG12 SILABS-EFM32JG12 Datasheet
2Mb / 123P
ARM Cortex-M3 at 40 MHz
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com