Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATMEGA1284P Datasheet (PDF) - ATMEL Corporation

ATMEGA1284P Datasheet PDF - ATMEL Corporation
Part # ATMEGA1284P_09
Download  ATMEGA1284P Download
File Size   374.97 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 128K Bytes In-System Programmable Flash

ATMEGA1284P Datasheet (PDF)

Go To PDF Page Download Datasheet
ATMEGA1284P Datasheet PDF - ATMEL Corporation

Part # ATMEGA1284P_09
Download  ATMEGA1284P Click to download

File Size   374.97 Kbytes
Page   20 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-bit Microcontroller with 128K Bytes In-System Programmable Flash

ATMEGA1284P Datasheet (HTML) - ATMEL Corporation


ATMEGA1284P Product details

Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
– 131 Powerful Instructions – Most Single-clock Cycle Execution
– 32 x 8 General Purpose Working Registers
– Fully Static Operation
– Up to 20 MIPS Throughput at 20 MHz
– On-chip 2-cycle Multiplier
• Nonvolatile Program and Data Memories
– 128K Bytes of In-System Self-Programmable Flash
Endurance: 10,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– 4K Bytes EEPROM
Endurance: 100,000 Write/Erase Cycles
– 16K Bytes Internal SRAM
– Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 Compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Extensive On-chip Debug Support
– Programming of Flash, EEPROM, Fuses, and Lock Bits through the JTAG Interface
• Peripheral Features
– Two 8-bit Timer/Counters with Separate Prescalers and Compare Modes
– Two 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
– Real Time Counter with Separate Oscillator
– Six PWM Channels
– 8-channel, 10-bit ADC
Differential mode with selectable gain at 1x, 10x or 200x
– Byte-oriented Two-wire Serial Interface
– Two Programmable Serial USART
– Master/Slave SPI Serial Interface
– Programmable Watchdog Timer with Separate On-chip Oscillator
– On-chip Analog Comparator
– Interrupt and Wake-up on Pin Change
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated RC Oscillator
– External and Internal Interrupt Sources
– Six Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, Standby
and Extended Standby
• I/O and Packages
– 32 Programmable I/O Lines
– 40-pin PDIP, 44-lead TQFP, and 44-pad QFN/MLF
• Operating Voltages
– 1.8 - 5.5V for ATmega1284P
• Speed Grades
– 0 - 4 MHz @ 1.8 - 5.5V
– 0 - 10 MHz @ 2.7 - 5.5V
– 0 - 20 MHz @ 4.5 - 5.5V
• Power Consumption at 1 MHz, 1.8V, 25°C
– Active: 0.4 mA
– Power-down Mode: 0. 1 µA
– Power-save Mode: 0.7 µA (Including 32 kHz RTC)




Similar Part No. - ATMEGA1284P_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATmega1284P-AU ATMEL-ATmega1284P-AU Datasheet
6Mb / 380P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA1284P-AU ATMEL-ATMEGA1284P-AU Datasheet
627Kb / 32P
8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATMEGA1284P-AUR ATMEL-ATMEGA1284P-AUR Datasheet
627Kb / 32P
8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
ATmega1284P-MU ATMEL-ATmega1284P-MU Datasheet
6Mb / 380P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
ATMEGA1284P-MU ATMEL-ATMEGA1284P-MU Datasheet
627Kb / 32P
8-bit Microcontroller with 16/32/64/128K Bytes In-System Programmable Flash
More results


Similar Description - ATMEGA1284P_09

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA128 ATMEL-ATMEGA128 Datasheet
360Kb / 16P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467XS-AVR-06/11
ATMEGA128 ATMEL-ATMEGA128_06 Datasheet
317Kb / 31P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467OS-AVR-10/06
ATMEGA103 ATMEL-ATMEGA103_07 Datasheet
2Mb / 141P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA128 ATMEL-ATMEGA128_02 Datasheet
349Kb / 16P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467CS-AVR-02/02
ATMEGA1284P ATMEL-ATMEGA1284P Datasheet
416Kb / 20P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059BS-AVR-05/08
ATMEGA128 ATMEL-ATMEGA128_08 Datasheet
6Mb / 386P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467R-AVR-06/08
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
613Kb / 26P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 2467S-AVR-07/09
ATMEGA128A ATMEL-ATMEGA128A_09 Datasheet
555Kb / 21P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
Rev. 8151DS-AVR-07/09
ATMEGA128 ATMEL-ATMEGA128_09 Datasheet
6Mb / 386P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
ATMEGA1284P ATMEL-ATMEGA1284P_1 Datasheet
6Mb / 380P
8-bit Microcontroller with 128K Bytes In-System Programmable Flash
8059D-AVR-11/09
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com