Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82V3352TFG Datasheet (PDF) - Integrated Device Technology

82V3352TFG Datasheet PDF - Integrated Device Technology
Part # 82V3352TFG
Download  82V3352TFG Download
File Size   1466.07 Kbytes
Page   125 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description SYNCHRONOUS ETHERNET WAN PLL

82V3352TFG Datasheet (PDF)

Go To PDF Page Download Datasheet
82V3352TFG Datasheet PDF - Integrated Device Technology

Part # 82V3352TFG
Download  82V3352TFG Click to download

File Size   1466.07 Kbytes
Page   125 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description SYNCHRONOUS ETHERNET WAN PLL

82V3352TFG Datasheet (HTML) - Integrated Device Technology


82V3352TFG Product details

DESCRIPTION
The IDT82V3352 is an integrated, single-chip solution for the Synchronous Equipment Timing Source for Stratum 3, SMC, 4E and 4 clocks in SONET / SDH equipments, DWDM and Wireless base station, such as GSM, 3G, DSL concentrator, Router and Access Network applications.

FEATURES
HIGHLIGHTS
• The first single PLL chip:
   • Features 0.1 Hz to 560 Hz bandwidth
   • Provides node clock for ITU-T G.8261/G.8262 Synchronous Ethernet
   • Exceeds GR-253-CORE (OC-12) and ITU-T G.813 (STM-16/ Option I) jitter generation requirements
   • Provides node clocks for Cellular and WLL base-station (GSM and 3G networks)
   • Provides clocks for DSL access concentrators (DSLAM), especially for Japan TCM-ISDN network timing based ADSL equipments

APPLICATIONS
• BITS / SSU
• SMC / SEC (SONET / SDH)
• DWDM cross-connect and transmission equipments
• Synchronous Ethernet equipments
• Central Office Timing Source and Distribution
• Core and access IP switches / routers
• Gigabit and Terabit IP switches / routers
• IP and ATM core switches and access equipments
• Cellular and WLL base-station node clocks
• Broadband and multi-service access equipments
• Any other telecom equipments that need synchronous equipment system timing




Similar Part No. - 82V3352TFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82V3358EDG IDT-82V3358EDG Datasheet
1Mb / 139P
SYNCHRONOUS ETHERNET WAN PLL
82V3358TF IDT-82V3358TF Datasheet
1Mb / 139P
SYNCHRONOUS ETHERNET WAN PLL
82V3358TFG IDT-82V3358TFG Datasheet
1Mb / 139P
SYNCHRONOUS ETHERNET WAN PLL
More results


Similar Description - 82V3352TFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3358 IDT-IDT82V3358 Datasheet
1Mb / 139P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385 Datasheet
1Mb / 150P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3385 IDT-IDT82V3385_10 Datasheet
871Kb / 145P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3355 IDT-IDT82V3355 Datasheet
1Mb / 135P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3380 IDT-IDT82V3380 Datasheet
1Mb / 175P
SYNCHRONOUS ETHERNET WAN PLL
IDT82V3380A IDT-IDT82V3380A Datasheet
1Mb / 177P
SYNCHRONOUS ETHERNET IDT WAN PLL?
IDT82V3390 IDT-IDT82V3390 Datasheet
1Mb / 182P
SYNCHRONOUS ETHERNET IDT WAN PLL?
logo
Renesas Technology Corp
IDT82V3358 RENESAS-IDT82V3358 Datasheet
1Mb / 140P
SYNCHRONOUS ETHERNET WAN PLL
May 19, 2009
IDT82V3380 RENESAS-IDT82V3380 Datasheet
1Mb / 185P
SYNCHRONOUS ETHERNET WAN PLL
September 29, 2014
IDT82V3385 RENESAS-IDT82V3385 Datasheet
1Mb / 146P
SYNCHRONOUS ETHERNET WAN PLL
May 14, 2010
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com